Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

112A Datasheet(PDF) 5 Page - Switchcraft, Inc.

Part # 112A
Description  1/4 ENCLOSED PHONE JACKS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

112A Datasheet(HTML) 5 Page - Switchcraft, Inc.

  112A Datasheet HTML 1Page - Switchcraft, Inc. 112A Datasheet HTML 2Page - Switchcraft, Inc. 112A Datasheet HTML 3Page - Switchcraft, Inc. 112A Datasheet HTML 4Page - Switchcraft, Inc. 112A Datasheet HTML 5Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • 773 792-2700 • FAX: 773 792-2129
www.switchcraft.com
1/4" ENCLOSED TELEPHONE JACKS
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)
.375 (long bushing only)
[9.53]
Hi-D Jax®
Hi-D Jax®
RECOMMENDED PC BOARD
LAYOUT (FOR Hi-D JAX®).
(COMPONENT SIDE)


Similar Part No. - 112A

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
112A-TAAR-R03 ATTEND-112A-TAAR-R03 Datasheet
309Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 112A-TAAR-R03.
2012/09/12
More results

Similar Description - 112A

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
   1/4 RIGHT-ANGLE PHONE JACKS
13B SWITCH-13B Datasheet
152Kb / 8P
   COMMERCIAL PHONE JACKS
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
   SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
220 SWITCH-220 Datasheet
26Kb / 1P
   1/4 FLAT PLUG PHONE PLUGS
RA49C14B SWITCH-RA49C14B Datasheet
177Kb / 1P
   1/4 RIGHT ANGLE JACKS RA SEIRIES
logo
Adam Technologies, Inc.
MTJ-66FX1 ADAM-TECH-MTJ-66FX1 Datasheet
127Kb / 1P
   MODULAR TELEPHONE JACKS TOP ENTRY, ENCLOSED BODY - TYPE F
logo
List of Unclassifed Man...
NP3X-B ETC2-NP3X-B Datasheet
178Kb / 4P
   1/4 Prof. Phone Plugs, X-Series
logo
Neutrik AG
NP2X-B NEUTRIK-NP2X-B Datasheet
60Kb / 3P
   2 pole 1/4" professional phone plug, gold contacts, black shell
NP3RX-BAG NEUTRIK-NP3RX-BAG Datasheet
78Kb / 3P
   3 pole 1/4" professional phone plug, nickel contacts, black shell
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com