Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR333-223 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR333-223
Description  SMD INDUCTOR DR333 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR333-223 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR333-223 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 3, 2011
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR333 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 1.0µH to 68µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 7)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART No.
INDUCTANCE (
H)
DCR
(
) Max.
RATED CURRENT
(A) Max.
DR333-102
1.0
 20%
@ 7.96MHz,0.25V
0.0487
2.56
DR333-142
1.4
 20%
@ 7.96MHz,0.25V
0.0562
2.52
DR333-182
1.8
 20%
@ 7.96MHz,0.25V
0.0637
1.95
DR333-222
2.2
 20%
@ 7.96MHz,0.25V
0.0712
1.75
DR333-272
2.7
 20%
@ 7.96MHz,0.25V
0.0787
1.58
DR333-332
3.3
 20%
@ 7.96MHz,0.25V
0.0862
1.44
DR333-392
3.9
 20%
@ 7.96MHz,0.25V
0.0937
1.33
DR333-472
4.7
 20%
@ 7.96MHz,0.25V
0.1087
1.15
DR333-562
5.6
 20%
@ 7.96MHz,0.25V
0.1257
0.99
DR333-682
6.8
 20%
@ 7.96MHz,0.25V
0.1312
0.95
DR333-822
8.2
 20%
@ 7.96MHz,0.25V
0.1462
0.84
DR333-103
10
 20%
@ 2.52MHz,0.25V
0.182
1.04
DR333-123
12
 20%
@ 2.52MHz,0.25V
0.210
0.97
DR333-153
15
 20%
@ 2.52MHz,0.25V
0.235
0.85
DR333-183
18
 20%
@ 2.52MHz,0.25V
0.338
0.74
DR333-223
22
 20%
@ 2.52MHz,0.25V
0.378
0.68
DR333-273
27
 20%
@ 2.52MHz,0.25V
0.522
0.62
DR333-333
33
 10%
@ 2.52MHz,0.25V
0.540
0.56
DR333-393
39
 10%
@ 2.52MHz,0.25V
0.587
0.52
DR333-473
47
 10%
@ 2.52MHz,0.25V
0.844
0.44
DR333-563
56
 10%
@ 2.52MHz,0.25V
0.937
0.42
DR333-683
68
 10%
@ 2.52MHz,0.25V
1.117
0.37
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm” [inches “in”].
2.
General tolerance
0.25mm [0.010 in.], unless otherwise specified.
3.
Irated for an approximate 40°C temperature rise or 20% drop maximum of the nominal value, whichever is lower.
4.
Tape and reel quantity, 2000 pcs/reel.
5.
Terminal finish is compliant to RoHS requirements
6.
Solder in accordance with J-STD-002 Rev. D
7.
Non-RoHS series parts 42-333-XXX are finished with leaded solder Sn60Pb40 or equivalent
1.5
[0.059]
5.0
[0.196]
4.5 ± 0.3
[0.177]
TOP VIEW
4.0 ± 0.3
[0.157]
XXX
SIDE VIEW
PCB SOLDER PAD LAYOUT (REF.)
BOTTOM VIEW
4.5
[0.177]
SCHEMATIC
2
1
3.2 ± 0.3
[0.126]


Similar Part No. - DR333-223

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR333-223 DATATRONICS-DR333-223 Datasheet
127Kb / 1P
   SMD INDUCTOR
More results

Similar Description - DR333-223

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR333-1 DATATRONICS-DR333-1_14 Datasheet
119Kb / 1P
   SMD INDUCTOR DR333-1 SERIES
DR334 DATATRONICS-DR334_14 Datasheet
102Kb / 1P
   SMD INDUCTOR DR334 SERIES
DR335 DATATRONICS-DR335_14 Datasheet
97Kb / 1P
   SMD INDUCTOR DR335 SERIES
DR336 DATATRONICS-DR336_14 Datasheet
98Kb / 1P
   SMD INDUCTOR DR336 SERIES
logo
Tyco Electronics
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
   SMD Unshielded Inductor Series
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com