Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0304UAL Datasheet(PDF) 2 Page - Littelfuse

Part # P0304UAL
Description  SIDACtor Multiport Series - MS-013
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0304UAL Datasheet(HTML) 2 Page - Littelfuse

  P0304UAL Datasheet HTML 1Page - Littelfuse P0304UAL Datasheet HTML 2Page - Littelfuse P0304UAL Datasheet HTML 3Page - Littelfuse P0304UAL Datasheet HTML 4Page - Littelfuse P0304UAL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
144
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Electrical Characteristics (continued)
Notes:
- Absolute maximum ratings measured at T
A
- Devices are bi-directional
- XX = Part Number Suffix: ‘TP’ (Tube Pack) or ‘RP’ (Reel Pack).
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
@I
T=2.2 Amps
I
H
I
S
I
T
Capacitance
V min
V max
V min
V max
V max
mA min mA max A max
Pins 1-2, 3-2, 4-5, 6-5
Pins 1-3, 4-6
Pins 1-2, 3-2,
4-5, 6-5
P1804UALxx
P1804UA
170
220
340
440
4
150
800
2.2
See
Capacitance
Values Table
P2304UALxx
P2304UA
190
260
380
520
4
150
800
2.2
P2604UALxx
P2604UA
220
300
440
600
4
150
800
2.2
P3104UALxx
P3104UA
275
350
550
700
4
150
800
2.2
P3504UALxx
P3504UA
320
400
640
800
4
150
800
2.2
P0084UCLxx
P0084UC
6
25
12
50
4
50
800
2.2
P0304UCLxx
P0304UC
25
40
50
80
4
50
800
2.2
P0644UCLxx
P0644UC
58
77
116
154
4
150
800
2.2
P0724UCLxx
P0724UC
65
88
130
176
4
150
800
2.2
P0904UCLxx
P0904UC
75
98
150
196
4
150
800
2.2
P1104UCLxx
P1104UC
90
130
180
260
4
150
800
2.2
P1304UCLxx
P1304UC
120
160
240
320
4
150
800
2.2
P1504UCLxx
P1504UC
140
180
280
360
4
150
800
2.2
P1804UCLxx
P1804UC
170
220
340
440
4
150
800
2.2
P2304UCLxx
P2304UC
190
260
380
520
4
150
800
2.2
P2604UCLxx
P2604UC
220
300
440
600
4
150
800
2.2
P3104UCLxx
P3104UC
275
350
550
700
4
150
800
2.2
P3504UCLxx
P3504UC
320
400
640
800
4
150
800
2.2
Part Number
Pin 1-2 / 3-2 (4-5 / 6-5)
Tip-Ground, Ring-Ground
Pin 1-3 (4-6)
Tip-Ring
pF min
pF max
pF min
pF max
P0084UALxx
25
155
15
90
P0304UALxx
15
140
10
90
P0644UALxx
40
60
20
35
P0724UALxx
35
60
20
35
P0904UALxx
35
55
20
30
P1104UALxx
30
50
15
30
P1304UALxx
25
45
15
25
P1504UALxx
25
40
15
25
P1804UALxx
25
35
10
20
P2304UALxx
25
35
10
20
P2604UALxx
20
35
10
20
P3104UALxx
20
35
10
20
P3504UALxx
20
35
10
20
P0084UCLxx
35
285
20
165
P0304UCLxx
25
250
10
145
P0644UCLxx
55
155
30
90
P0724UCLxx
50
145
25
85
P0904UCLxx
45
135
25
80
P1104UCLxx
45
115
25
65
P1304UCLxx
40
105
20
60
P1504UCLxx
35
95
20
55
P1804UCLxx
35
90
15
50
P2604UCLxx
30
85
15
50
P3104UCLxx
30
80
15
45
P3504UCLxx
25
75
15
45
Capacitance Values


Similar Part No. - P0304UAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0304UAL LITTELFUSE-P0304UAL Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P0304UALXX LITTELFUSE-P0304UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
P0304UALxx LITTELFUSE-P0304UALxx Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
More results

Similar Description - P0304UAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0084UALRP LITTELFUSE-P0084UALRP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
A2106UC6LRP LITTELFUSE-A2106UC6LRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
A2106UC6RP LITTELFUSE-A2106UC6RP Datasheet
2Mb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P3206UCLRP LITTELFUSE-P3206UCLRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P1104UCLRP LITTELFUSE-P1104UCLRP Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series - MS-013
A2106UC6LTP LITTELFUSE-A2106UC6LTP Datasheet
156Kb / 5P
   SIDACtor짰 Balanced Multiport Series - MS-013
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P2706UCLRP LITTELFUSE-P2706UCLRP Datasheet
178Kb / 3P
   Multiport Balanced SIDACtor Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com