Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

324228 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 324228
Description  M 2,54 DRC-Q, 10-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

324228 Datasheet(HTML) 1 Page - ERNI Electronics

  324228 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
Tape on Reel Packaging
Verpackungseinheit: 320 Stück
Verpackt in Gurtverpackung
Packaging unit: 320 pcs
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
0,1 mm
a1
16
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
2,54
4 x 2,54 = 10,16
±0,03
16,46
±0,03
0,4
1,95
3,15
-0,03
1,02
1,02
4 x 2,54 = 10,16
2,54
1,6
ohne Ansaughaube
without hood
4 x 2,54 = 10,16
2,54
2,54
D
B
4 x 2,54 = 10,16
A
C
a1
15,46
13,26
19,16
Ansaughaube
hood
-0,03
8,4
17,96
1,5
16,46 ±0,03
8,94
7,94
part-no.
Ident-Nr.
D
C
B
A
color
Farbe
coding
Codierung
note
Bemerkung
0,9
3,9
474009
rot
red
3,9
0,9
4,5
0,3
474008
grün
green
2,7
2,1
3,3
1,5
474007
blau
blue
1,5
3,3
2,1
2,7
474006
schwarz
black
0,3
4,5
für höhere Spannungsfestigkeit
for higher voltage proof
A3
prior notice.
contact one of the ERNI companies
Date
27.11.2013
a
Index
DRCQ
M 2,54 DRC-Q, 10-polig
324228
3:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please


Similar Part No. - 324228

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
32422 SCHOTT-32422 Datasheet
13Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
logo
ERNI Electronics
324221 ERNI-324221 Datasheet
93Kb / 1P
   M 2,54 DRC-Q, 20-polig
324227 ERNI-324227 Datasheet
33Kb / 1P
   M12 8 pin / M12 m 8 pin
324229 ERNI-324229 Datasheet
84Kb / 1P
   M 2,54 DRC-B, 10-polig
More results

Similar Description - 324228

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101502780001 ERNI-101502780001 Datasheet
70Kb / 1P
   M 2,54 DRC-Q, 10-polig
101302780001 ERNI-101302780001 Datasheet
71Kb / 1P
   M 2,54 DRC-Q, 10-polig
101402780001 ERNI-101402780001 Datasheet
70Kb / 1P
   M 2,54 DRC-Q, 10-polig
101803210045 ERNI-101803210045 Datasheet
64Kb / 1P
   M 2,54 DRC-Q, 10-polig
102003210045 ERNI-102003210045 Datasheet
63Kb / 1P
   M 2,54 DRC-Q, 10-polig
101102780001 ERNI-101102780001 Datasheet
91Kb / 1P
   M 2,54 DRC-Q, 10-polig
100704600001 ERNI-100704600001 Datasheet
63Kb / 1P
   M 2,54 DRC-Q, 10-polig
101202780001 ERNI-101202780001 Datasheet
70Kb / 1P
   M 2,54 DRC-Q, 10-polig
100703210146 ERNI-100703210146 Datasheet
80Kb / 1P
   M 2,54 DRC-Q, 20-polig
105302480001 ERNI-105302480001 Datasheet
86Kb / 1P
   M 2,54 DRC-Q, 20-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com