Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99-99-0995 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 99-99-0995
Description  2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 11 Circuits, Tin (Sn) Plating, with Swaged PC Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

99-99-0995 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  99-99-0995 Datasheet HTML 1Page - Molex Electronics Ltd. 99-99-0995 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Old Part Number
5267-11A-X
Reference - Drawing Numbers
Packaging Specification
SPK-5267-001
Product Specification
PS-5264-001, RPS-5264-003, RPS-5264-004,
RPS-5264-005, RPS-5264-006, RPS-5264-007
Sales Drawing
SD-5267-NA-X
This document was generated on 07/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 99-99-0995

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
99-99-0995 MOLEX3-99-99-0995 Datasheet
103Kb / 3P
   2.50mm (.098") Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 11 Circuits, Tin (Sn) Plating
More results

Similar Description - 99-99-0995

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0099990995 MOLEX1-0099990995_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 11 Circuits, Tin (Sn) Plating, with Swaged PC Tails
0099990994 MOLEX1-0099990994_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 10 Circuits, Tin (Sn) Plating, with Swaged PC Tails
0099990998 MOLEX1-0099990998_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 14 Circuits, Tin (Sn) Plating, with Swaged PC Tails
99-99-0991 MOLEX11-99-99-0991 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 7 Circuits, Tin (Sn)Plating, with Swaged PC Tails
99-99-0987 MOLEX11-99-99-0987 Datasheet
36Kb / 3P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn) Plating, with Swaged PC Tails
99-99-0989 MOLEX11-99-99-0989 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 5 Circuits, Tin (Sn) Plating, with Swaged PC Tails
99-99-0999 MOLEX11-99-99-0999 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn) Plating, with Swaged PC Tails
0099990988 MOLEX1-0099990988_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn) Plating, with Swaged PC Tails
0099990993 MOLEX1-0099990993_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 9 Circuits, Tin (Sn) Plating, with Swaged PC Tails
0099990992 MOLEX1-0099990992_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 8 Circuits, Tin (Sn) Plating, with Swaged PC Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com