Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB551SS-30T2R Datasheet(PDF) 1 Page - Rohm

Part # RB551SS-30T2R
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB551SS-30T2R Datasheet(HTML) 1 Page - Rohm

  RB551SS-30T2R Datasheet HTML 1Page - Rohm RB551SS-30T2R Datasheet HTML 2Page - Rohm RB551SS-30T2R Datasheet HTML 3Page - Rohm RB551SS-30T2R Datasheet HTML 4Page - Rohm RB551SS-30T2R Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB551SS-30
lApplications
lDimensions
(Unit : mm)
lLand size figure
(Unit : mm)
General Rectification
lFeatures
1)Small mold type (KMD2)
2)High reliability
3)Low VF
lStructure
lConstruction
Silicon epitaxial planer
lAbsolute maximum ratings
(Ta=25C)
Symbol
VRM
VR
Average rectified forward current
Io
IFSM
Tj
Tstg
lElectrical characteristics
(Ta=25C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
-
-
0.36
V
VF2
-
-
0.47
V
IR
-
-
100
μA
Reverse voltage (repetitive peak)
30
V
lTaping dimensions
(Unit : mm)
Parameter
Limits
Unit
Junction temperature
125
C
Reverse voltage (DC)
20
V
0.5
A
Forward current surge peak(60Hz・1cyc.)
5
A
Storage temperature
-
40 to +125
C
Parameter
Forward voltage
IF=100mA
IF=500mA
Reverse current
VR=20V
KMD2
0.8
0.6±0.03
0.7±0.05
0.8±0.05
0~0.03
ROHM : KMD2
JEITA : -
JEDEC :-
dot (year week factory)
1/4
2011.10 - Rev.A


Similar Part No. - RB551SS-30T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
RB551SS-30 ROHM-RB551SS-30 Datasheet
1Mb / 5P
   Schottky Barrier Diode
RB551SS-30 ROHM-RB551SS-30 Datasheet
564Kb / 8P
   Schottky Barrier Diode
RB551SS-30 ROHM-RB551SS-30_15 Datasheet
564Kb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB551SS-30T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com