Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22366 Datasheet(PDF) 11 Page - Texas Instruments

Part # TS5A22366
Description  0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22366 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A22366_14 Datasheet HTML 7Page - Texas Instruments TS5A22366_14 Datasheet HTML 8Page - Texas Instruments TS5A22366_14 Datasheet HTML 9Page - Texas Instruments TS5A22366_14 Datasheet HTML 10Page - Texas Instruments TS5A22366_14 Datasheet HTML 11Page - Texas Instruments TS5A22366_14 Datasheet HTML 12Page - Texas Instruments TS5A22366_14 Datasheet HTML 13Page - Texas Instruments TS5A22366_14 Datasheet HTML 14Page - Texas Instruments TS5A22366_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Temperature (°C)
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40
25
85
COM (ON)
NO (ON)
Bias Voltage (V)
–100
–50
0
50
100
150
200
Input Voltage, VIN (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–1
0
1
2
3
4
5
T = 85°C
A
T = –40°C
A
T = 25°C
A
Input Voltage, VIN (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
–3
–2
–1
0
1
2
3
4
T = 85°C
A
T = –40°C
A
T = 25°C
A
Input Voltage, VIN (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
–3
–2
–1
0
1
2
3
T = –40°C
A
T = 85°C
A
T = 25°C
A
Input Voltage, VIN (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–4
–3
–2
–1
0
1
2
3
4
5
= 2.25 V
V+
V =
+
3 V
4.5 V
V =
+
TS5A22366
www.ti.com
SCDS262B – JANUARY 2009 – REVISED MAY 2013
TYPICAL PERFORMANCE
Figure 2. ron vs VIN
Figure 3. ron vs VIN (V+ = 2.5 V)
Figure 4. ron vs VIN (V+ = 3.3 V)
Figure 5. ron vs VIN (V+ = 5 V)
Figure 6. Leakage Current vs Temperature
Figure 7. Charge Injection (QC) vs VCOM(V+ = 5 V)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS5A22366


Similar Part No. - TS5A22366_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22366 TI-TS5A22366_15 Datasheet
896Kb / 25P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
More results

Similar Description - TS5A22366_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22366 TI-TS5A22366 Datasheet
536Kb / 21P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366_15 Datasheet
896Kb / 25P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com