Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULW3-22RJA1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ULW3-22RJA1
Description  UL Recognised Wirewound Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULW3-22RJA1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ULW3-22RJA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ULW3-22RJA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ULW3-22RJA1 Datasheet HTML 3Page - List of Unclassifed Manufacturers ULW3-22RJA1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ULW3-22RJA1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pulse
Value ohms
E (J)
4.7
10
22
27
33
39
47
ULW3
5.3
4.3
3.2
3.9
5.3
2.8
4.9
ULW2
1.7
3.6
1
1.3
1.7
1.75
1.8
ULW5
9.73
10.42
11.35
9.51
8.89
10.3
12.66
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
70
80
90
100
Value (ohms)
Pulse Energy Limit
(single or low repetition rate, ΔR<5%)
ULW5
ULW3 & 4
ULW2
Pulse
Value ohms
E (J)
4.7
10
22
27
33
39
47
ULW3
5.3
4.3
3.2
3.9
5.3
2.8
4.9
ULW2
1.7
3.6
1
1.3
1.7
1.75
1.8
ULW5
9.73
10.42
11.35
9.51
8.89
10.3
12.66
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
70
80
90
100
Value (ohms)
Pulse Energy Limit
(single or low repetition rate, ΔR<5%)
ULW5
ULW3 & 4
ULW2
Pulse Performance
Fusing Performance
ULW5
Value (ohms)
1.2/50μs Peak Voltage Limit
(10 pulses at 10s intervals, ΔR <5%)
Note the voltage shown is the nett voltage across the resistor. The generator
open circuit voltage will be higher due to the generator’s internal impedence.
ULW2
ULW3 & 4
0
10
20
30
40
50
60
70
80
90
100
5
4
3
2
1
0
ULW2 Fusing Characteristic
40
30
35
45
50
55
60
60
50
40
30
20
10
0
Initial Power (W)
UL Recognised
Wirewound Resistors
ULW Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - ULW3-22RJA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULW3-10RJA1 ETC2-ULW3-10RJA1 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
ULW3-33RJA1 ETC2-ULW3-33RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW3-33RJA1 TTELEC-ULW3-33RJA1 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
ULW3-33RJA25 TTELEC-ULW3-33RJA25 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
ULW3-33RJT075 TTELEC-ULW3-33RJT075 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
More results

Similar Description - ULW3-22RJA1

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
ULW2 WELWYN-ULW2 Datasheet
269Kb / 4P
   UL Recognised Wirewound Resistors
logo
List of Unclassifed Man...
ULW2-22RJA25 ETC2-ULW2-22RJA25 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
ULW4-10RJA1 ETC2-ULW4-10RJA1 Datasheet
269Kb / 4P
   UL Recognised Wirewound Resistors
ULW3-33RJA1 ETC2-ULW3-33RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW TTELEC-ULW Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
logo
List of Unclassifed Man...
ULW3-10RJA1 ETC2-ULW3-10RJA1 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com