Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC2708T Datasheet(PDF) 8 Page - celduc-relais

Part # PC2708T
Description  BIPOLAR ANALOG INTEGRATED CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PC2708T Datasheet(HTML) 8 Page - celduc-relais

Back Button PC2708T Datasheet HTML 4Page - celduc-relais PC2708T Datasheet HTML 5Page - celduc-relais PC2708T Datasheet HTML 6Page - celduc-relais PC2708T Datasheet HTML 7Page - celduc-relais PC2708T Datasheet HTML 8Page - celduc-relais PC2708T Datasheet HTML 9Page - celduc-relais PC2708T Datasheet HTML 10Page - celduc-relais PC2708T Datasheet HTML 11Page - celduc-relais PC2708T Datasheet HTML 12Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet P12653EJ3V0DS00
8
PC2709TB
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA =+25°C)
40
0
Supply Voltage VCC (V)
35
30
25
20
15
10
5
12
34
56
40
–60
Operating Ambient Temperature TA ( C)
CIRCUIT CURRENT vs.
OPERATING AMBIENT TEMPERATURE
35
30
25
20
15
10
5
0
–40
–20
0
+20
+40
+60
+80 +100
No input signal
VCC = 5.0 V
30
0.1
Frequency f (GHz)
NOISE FIGURE, POWER GAIN
vs. FREQUENCY
25
20
15
10
0.3
1.0
3.0
8
7
6
5
4
30
0.1
Frequency f (GHz)
POWER GAIN vs. FREQUENCY
25
20
15
10
0.3
1.0
3.0
VCC = 5.0 V
0
0.1
Frequency f (GHz)
ISOLATION vs. FREQUENCY
–50
0.3
1.0
3.0
0
0.1
Frequency f (GHz)
INPUT RETURN LOSS, OUTPUT
RETURN LOSS vs. FREQUENCY
–50
0.3
1.0
3.0
VCC = 5.0 V
–10
–20
–30
–40
VCC = 5.0 V
–10
–20
–30
–40
VCC = 5.5 V
5.0 V
4.5 V
VCC = 5.0 V
5.5 V
4.5 V
GP
NF
–40 C
TA = +25 C
+85 C
RLin
RLout
CIRCUIT CURRENT vs.
SUPPLY VOLTAGE
No input signal


Similar Part No. - PC2708T

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PC270-10H3 PREMO-PC270-10H3 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC270-10H4 PREMO-PC270-10H4 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC270-10V3 PREMO-PC270-10V3 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC270-10V4 PREMO-PC270-10V4 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC270-6V1 PREMO-PC270-6V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
More results

Similar Description - PC2708T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1490 NEC-UPC1490 Datasheet
158Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
logo
Renesas Technology Corp
UPC1228 RENESAS-UPC1228 Datasheet
1Mb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1983
UPC1663B RENESAS-UPC1663B Datasheet
443Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC8190K RENESAS-UPC8190K Datasheet
292Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC1099 RENESAS-UPC1099 Datasheet
558Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC1297 RENESAS-UPC1297 Datasheet
819Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1985
UPC842 RENESAS-UPC842 Datasheet
576Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC7800A RENESAS-UPC7800A Datasheet
634Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC8119T RENESAS-UPC8119T Datasheet
663Kb / 52P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
UPC1100 RENESAS-UPC1100 Datasheet
563Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC1906 RENESAS-UPC1906 Datasheet
930Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com