Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4161 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4161
Description  6-channel Capacitive Touch Sensor IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4161 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4161 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
[AK4161]
MS1450-E-02-PB
2014/05
- 6 -
ANALOG CHARACTERISTICS
(Ta = -40C ~ 85C, VDD = 3.3V; unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
A/D Converter
Resolution
RESO
-
10
-
Bits
Touch Sensor
Charge Current Variation Against Nominal Value (Note 6)
ICHG
-30
-
30
%
Power Supply Current
Measurement Current (All function in active)
IMEAS
-
0.765
-
mA
Idle Current
IIDLE
-
3.15
-
uA
Average Supply Current (Note 7)
TSR= 0.25ms
TSR= 0.5ms
TSR= 1ms
TSR= 2ms
TSR= 4ms
TSR=8ms
TSR=16ms
TSR=32ms
TSR=1ms, 20 samplings at 1st order Filter
TSR=32ms, 20 samplings at 1st order Filter
TSR=512ms, 20 samplings at 1st order Filter
IDD
-
-
-
-
-
-
-
-
-
-
-
687
351
177
90
47
25
14
9
489
18
4.1
-
-
-
-
-
-
-
-
-
-
-
uA
uA
uA
uA
uA
uA
uA
uA
uA
uA
uA
Shutdown Current (After External Reset)
ISHUT
-
1.2
8.0
uA
Note 6. Sense terminal voltage condition: The AD conversion value should be less or equal to VDD-0.2[V]. (It should be
less or equal to VDD-0.3[V] when CC2Xn bit= “1”) The charge current is dependent on the operating voltage,
and is configured by register settings in the range of “0.556 x VDD [uA]” to “70.056 x VDD [uA]”.
Note 7. Measurement Condition: 6 active sense terminals, 2us charge period, 6 samplings at 1st order filter for noise
cancelling, using sense terminal with 22pF capacitance.


Similar Part No. - AK4161

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK4161

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com