Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4182A Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4182A
Description  Evaluation Board
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4182A Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4182A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4182A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4182A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4182A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4182A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4182A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4182A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4182A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4182A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ASAHI KASEI
[AK4182A]
オーダリングガイド
AK4182AVN
-40
°C ∼ +85°C
16 pin QFN
ピン配置
BUSY
DIN
CSN
DCLK
VBAT
GND
YN
IN
MS0482-J-01
2007/12
2


Similar Part No. - AK4182A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4182A AKM-AK4182A Datasheet
179Kb / 18P
   Touch Screen Controller
AK4182A AKM-AK4182A Datasheet
604Kb / 9P
   touch screen controller
AK4182A-A AKM-AK4182A-A Datasheet
605Kb / 9P
   Evaluation Board
AK4182AVN AKM-AK4182AVN Datasheet
179Kb / 18P
   Touch Screen Controller
More results

Similar Description - AK4182A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com