Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4141-A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4141-A
Description  Evaluation Board
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4141-A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4141-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4141-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4141-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4141-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4141-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4141-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4141-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4141-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4141-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
[AKD4141-A]
<KM088102>
2007/11
- 1 -
GENERAL DESCRIPTION
The AKD4141 is an evaluation board for the AK4141, digital stereo decoder with stereo sample rate
converter, digital switches and sound processing functions.
The AKD4141 has the analog/digital audio interface and can achieve the interface with analog/digital
audio systems via BNC/RCA/OPT-connector.
Ordering guide
AKD4141-A
---
Evaluation board for AK4141
(Cable for connecting with printer port of IBM-AT,compatible PC and control software are
packed with this. This control software does not support Windows NT.)
FUNCTION
• DIT/DIR with optical input/output
• 10pin Header for digital audio I/F and serial control I/F
• BNC connector for an external clock input
Opt In
AK4114
10pin
Header
DSP
Data
9V, 5V, 3.3V, 1.8V
AGND, DGND
Opt Out
AK4114
10pin
Header
DSP
Data
AK4141
COAX
Regulator
COAX
AK4682
SIF1
SIF2
LIN1
RIN1
LOUT1
ROUT1
LOUT2
ROUT2
EXT
Opt Out
9V
5V
5V
3.3V
3.3V
1.8V
10pin
Header
Serial
Control
(CODEC)
X’tal
(DIR)
(DIT)
Figure 1. AKD4141 Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual
Evaluation board Rev.2 for AK4141
AKD4141-A


Similar Part No. - AKD4141-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4141-A AKM-AKD4141-A Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
More results

Similar Description - AKD4141-A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com