Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6204726-01XE Datasheet(PDF) 2 Page - Texas Instruments

Part # V6204726-01XE
Description  NANOPOWER PUSH-PULL OUTPUT COMPARATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V6204726-01XE Datasheet(HTML) 2 Page - Texas Instruments

  V6204726-01XE Datasheet HTML 1Page - Texas Instruments V6204726-01XE Datasheet HTML 2Page - Texas Instruments V6204726-01XE Datasheet HTML 3Page - Texas Instruments V6204726-01XE Datasheet HTML 4Page - Texas Instruments V6204726-01XE Datasheet HTML 5Page - Texas Instruments V6204726-01XE Datasheet HTML 6Page - Texas Instruments V6204726-01XE Datasheet HTML 7Page - Texas Instruments V6204726-01XE Datasheet HTML 8Page - Texas Instruments V6204726-01XE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLV3701EP
SGLS170 − JUNE 2003
2
www.ti.com
DESCRIPTION (continued)
The TLV3701 has a minimum operating supply voltage of 2.7 V over the extended temperature range TA = −40°C
to 125
°C, while having an input common-mode range of −0.1 to VCC + 5 V. The low supply current makes it an ideal
choice for battery powered portable applications where quiescent current is the primary concern. Reverse battery
protection guards the amplifier from an over-current condition due to improper battery installation. For harsh
environments, the inputs can be taken 5 V above the positive supply rail without damage to the device.
This device is available in the small SOT-23 package. Other package options may be made available upon request.
A SELECTION OF OUTPUT COMPARATORS†
DEVICE
VCC
(V)
VIO
(
µV)
ICC/Ch
(
µA)
IIB
(pA)
tPLH
(
µs)
tPHL
(
µs)
tf
(
µs)
tr
(
µs)
RAIL-TO-
RAIL
OUTPUT
STAGE
TLV370x
2.5 − 16
250
0.56
80
56
83
22
8
I
PP
TLV340x
2.5 − 16
250
0.47
80
55
30
5
I
OD
TLC3702/4
3 − 16
1200
9
5
1.1
0.65
0.5
0.125
PP
TLC393/339
3 − 16
1400
11
5
1.1
0.55
0.22
OD
TLC372/4
3 − 16
1000
75
5
0.65
0.65
OD
† All specifications are typical values measured at 5 V.
AVAILABLE OPTIONS†
VIO max
PACKAGED DEVICES
TA
VIO max
AT 25
°C
SOT-23
(DBV)‡
SYMBOL
−40
°C to 125°C
5000
µV
TLV3701QDBVREP
VBCE
† Contact the local TI sales office for availability of other package options.
‡ This package is only available taped and reeled with standard quantities of 3000 pieces per reel.
3
2
4
5
(TOP VIEW)
1
OUT
GND
IN+
VCC
IN −
DBV PACKAGE


Similar Part No. - V6204726-01XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V6204612-01XE TI1-V6204612-01XE Datasheet
711Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
V6204612-01XE TI1-V6204612-01XE Datasheet
637Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - V6204726-01XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com