Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011-EP
Description  NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3011-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3011-EP Datasheet HTML 2Page - Texas Instruments TLV3011-EP Datasheet HTML 3Page - Texas Instruments TLV3011-EP Datasheet HTML 4Page - Texas Instruments TLV3011-EP Datasheet HTML 5Page - Texas Instruments TLV3011-EP Datasheet HTML 6Page - Texas Instruments TLV3011-EP Datasheet HTML 7Page - Texas Instruments TLV3011-EP Datasheet HTML 8Page - Texas Instruments TLV3011-EP Datasheet HTML 9Page - Texas Instruments TLV3011-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
-50
Temperature – °C
25
50
-25
0
75
100
125
8
7.5
7
6.5
6
5.5
5
4.5
4
V = 1.8 V
S
V = 3 V
S
V = 5 V
S
Temperature – °C
8
7.5
7
6.5
6
5.5
5
4.5
4
V = 1.8 V
S
V = 5 V
S
V = 3 V
S
-50
25
50
-25
0
75
100
125
2 µs/div
V = 2.5 V
S
V
IN–
V
IN+
V
OUT
TLV3012
TLV3011
2 µs/div
V = 2.5 V
S
V
IN+
V
IN–
V
OUT
2 µs/div
V = 0.9 V
S
V
IN–
V
IN+
V
OUT
2 µs/div
V = 0.9 V
S
V
IN–
V
IN+
V
OUT
TLV3011-EP, TLV3012-EP
SGLS349 – OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
PROPAGATION DELAY (tPLH)
PROPAGATION DELAY (tPHL)
vs
vs
TEMPERATURE
TEMPERATURE
Figure 11.
Figure 12.
PROPAGATION DELAY (tPLH)
PROPAGATION DELAY (tPHL)
Figure 13.
Figure 14.
PROPAGATION DELAY (tPLH)
PROPAGATION DELAY (tPHL)
Figure 15.
Figure 16.
6
Submit Documentation Feedback


Similar Part No. - TLV3011-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3011-EP TI-TLV3011-EP Datasheet
1Mb / 30P
[Old version datasheet]   TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-EP TI-TLV3011-EP Datasheet
1Mb / 30P
[Old version datasheet]   TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-EP TI-TLV3011-EP Datasheet
1Mb / 40P
[Old version datasheet]   TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011-EP TI-TLV3011-EP Datasheet
1Mb / 39P
[Old version datasheet]   TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
More results

Similar Description - TLV3011-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com