Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4186EN-A Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4186EN-A
Description  Evaluation board
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4186EN-A Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4186EN-A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4186EN-A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4186EN-A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4186EN-A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4186EN-A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4186EN-A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4186EN-A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4186EN-A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4186EN-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
[AKD4186EN-A]
Operation sequence
(1) Set up the power supply lines.
Set up the jumper pin.
JP2
VDD
(Short)
Set up the power supply lines.
Name
Color
Voltage
Comments
Power supply for VDD of
AK4186EN.
VDD
Red
+1.6
∼+3.6V(typ1.8V)
Power supply for Digital logic
circuits.
IFVDD
Orange +1.2
∼+3.6V(typ3.3V)
AGND
Black
0V
Analog GND.
DGND
Black
0V
Digital GND.
Table 1. Set up of power supply lines
* Each supply line should be distributed from the power supply unit.
(2) Set up the evaluation mode and jumper pins. (See the followings.)
(3) Power on.
Run the control soft of the AK4186EN, and click the “RESET” button.
<KM096300>
2009/2
- 3 -


Similar Part No. - AK4186EN-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4186EN AKM-AK4186EN Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
More results

Similar Description - AK4186EN-A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com