Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR349-2-271 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # DR349-2-271
Description  SMD INDUCTOR DR349-2 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-2-271 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  DR349-2-271 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-2-271 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
August 19, 2009
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 2 of 2
PART NO.
INDUCTANCE (
µH)
DCR (
Ω) MAX.
MAX. RATED CURRENT (A)
DR349-2-124
120
±5%
@0.796MHz
8.0
0.110
DR349-2-154
150
±5%
@0.796MHz
9.0
0.105
DR349-2-184
180
±5%
@0.796MHz
9.5
0.105
DR349-2-224
220
±5%
@0.796MHz
10
0.100
DR349-2-274
270
±5%
@0.796MHz
12
0.092
DR349-2-334
330
±5%
@0.796MHz
14
0.085
DR349-2-394
390
±5%
@0.796MHz
16
0.080
DR349-2-474
470
±5%
@0.796MHz
26
0.062
DR349-2-564
560
±5%
@0.796MHz
30
0.050
DR349-2-684
680
±5%
@0.796MHz
30
0.050
DR349-2-824
820
±5%
@0.796MHz
35
0.030
DR349-2-105
1000
±5%
@0.252MHz
40
0.030
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm”.
2.
General tolerance
±0.1mm unless otherwise specified.
3.
Tape and reel quantity, 500 pcs/reel
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR349-2 becomes 42-349-2).
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D
.


Similar Part No. - DR349-2-271

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-2-271 DATATRONICS-DR349-2-271 Datasheet
64Kb / 2P
   SMD INDUCTOR
More results

Similar Description - DR349-2-271

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-3 DATATRONICS-DR349-3_14 Datasheet
59Kb / 2P
   SMD INDUCTOR DR349-3 SERIES
DR349-1 DATATRONICS-DR349-1_14 Datasheet
83Kb / 2P
   SMD INDUCTOR DR349-1 SERIES
DR349-4 DATATRONICS-DR349-4_14 Datasheet
89Kb / 2P
   SMD INDUCTOR DR349-4 SERIES
DR349-6 DATATRONICS-DR349-6_14 Datasheet
65Kb / 2P
   SMD INDUCTOR DR349-6 SERIES
DR355-2 DATATRONICS-DR355-2_14 Datasheet
78Kb / 1P
   SMD INDUCTOR DR355-2 SERIES
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
   SMD INDUCTOR DR331-2 SERIES
DR352-2 DATATRONICS-DR352-2_14 Datasheet
79Kb / 1P
   SMD INDUCTOR DR352-2 SERIES
DR353-2 DATATRONICS-DR353-2_14 Datasheet
81Kb / 1P
   SMD INDUCTOR DR353-2 SERIES
DR354-2 DATATRONICS-DR354-2_14 Datasheet
156Kb / 2P
   SMD INDUCTOR DR354-2 SERIES
DR337-2 DATATRONICS-DR337-2_14 Datasheet
122Kb / 1P
   SMD INDUCTOR DR337-2 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com