Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66QDCURQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G66QDCURQ1
Description  DUAL BILATERAL ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G66QDCURQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G66QDCURQ1 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66QDCURQ1 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66QDCURQ1 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66QDCURQ1 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66QDCURQ1 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66QDCURQ1 Datasheet HTML 9Page - Texas Instruments SN74LVC2G66QDCURQ1 Datasheet HTML 10Page - Texas Instruments SN74LVC2G66QDCURQ1 Datasheet HTML 11Page - Texas Instruments SN74LVC2G66QDCURQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
t
h
t
su
From Output
Under Test
C
(see Note A)
L
LOAD CIRCUIT
S1
V
LOAD
Open
GND
R
L
Data Input
Timing Input
0 V
0 V
0 V
t
W
Input
0 V
Input
Output
Waveform 1
S1 at V
(see Note B)
LOAD
Output
Waveform 2
S1 at GND
(see Note B)
V
OL
V
OH
0 V
≈0 V
Output
Output
TEST
S1
t
/t
PLH
PHL
Open
Output
Control
V
M
V
M
V
M
V
M
V
M
1.8 V
0.15 V
±
2.5 V
0.2 V
±
3.3 V
0.3 V
±
5 V
0.5 V
±
1 k
500
500
500
V
CC
R
L
2 × V
CC
2 × V
CC
2 × V
CC
2 × V
CC
V
LOAD
C
L
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
V
CC
V
I
V
CC/2
V
CC/2
V
CC/2
V
M
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
R
L
t /t
r
f
V
CC
V
CC
V
CC
V
LOAD
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
NOTES: A. C includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators have the following characteristics: PRR
10 MHz, Z = 50
.
D. The outputs are measured one at a time, with one transition per measurement.
E. t
and t
are the same as t .
F. t
and t
are the same as t .
G. t
and t
are the same as t .
H. All parameters and waveforms are not applicable to all devices.
L
O
PLZ
PHZ
dis
PZL
PZH
en
PLH
PHL
pd
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
V
I
V
I
V
I
V
M
V
M
V
/2
LOAD
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
V
+ V
OL
V
M
V
M
V
M
V
M
V
OL
V
OH
V
I
V
I
V
OH
V
OL
V
M
V
M
V
M
V
M
t
PLH
t
PHL
t
PLH
t
PHL
V
CC/2
SN74LVC2G66-Q1
SCES829A – JUNE 2011 – REVISED JULY 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC2G66-Q1


Similar Part No. - SN74LVC2G66QDCURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66QDCURQ1 TI1-SN74LVC2G66QDCURQ1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results

Similar Description - SN74LVC2G66QDCURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com