Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYWB29-100 Datasheet(PDF) 1 Page - General Semiconductor

Part # BYWB29-100
Description  FAST EFFICIENT PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BYWB29-100 Datasheet(HTML) 1 Page - General Semiconductor

  BYWB29-100 Datasheet HTML 1Page - General Semiconductor BYWB29-100 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYWB29-50 THRU BYWB29-200
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 8.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated chip junction
♦ Low power loss
♦ Low leakage current
♦ High surge current capability
♦ Superfast recovery time for high efficiency
♦ High temperature soldering in accordance with
CECC 802 / Reflow guaranteed
MECHANICAL DATA
Case: JEDEC TO-263AB molded plastic body
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
BYWB29-50
BYWB29-100 BYWB29-150 BYWB29-200
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
at TC=125°C
I(AV)
8.0
Amps
Peak forward surge current 10ms
single half sine-wave superimposed TJ=150°C
IFSM
100.0
Amps
Maximum instantaneous forward voltage at:
IF=20A, TJ=25°C
1.3
IF=8A, TJ=150°C
VF
0.8
Volts
Maximum DC reverse current
TC=25°C
10.0
at rated DC blocking voltage
TC=100°C
IR
500.0
µA
Maximum reverse recovery time (NOTE 1)
trr
25.0
ns
Typical junction capacitance (NOTE 2)
CJ
45.0
pF
Maximum thermal resistance (NOTE 3)
R
ΘJC
3.0
°C/W
Operating and storage temperature range
TJ, TSTG
-65 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=1A, VR=30V, di/dt=100A/
µs, Irr=10%, IRM for measurement of trr
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to case mounted on heatsink
4/98
Dimensions in inches and (millimeters)
TO-263
-T-
SEATING
PLATE
0.380 (9.65)
0.420 (10.67)
0.320 (8.13)
0.360 (9.14)
0.575 (14.60)
0.625 (15.88)
0.027 (0.686)
0.037 (0.940)
1
2
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.018 (0.46)
0.025 (0.64)
0.080 (2.03)
0.110 (2.79)
0.090 (2.29)
0.110 (2.79)
0.245 (6.22)
MIN
- HEATSINK
PIN 1
K
K
0.095 (2.41)
0.100 (2.54)
K
PIN 2
0.047 (1.19)
0.055 (1.40)


Similar Part No. - BYWB29-100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYWB29-200-E3/45 VISHAY-BYWB29-200-E3/45 Datasheet
141Kb / 5P
   Ultrafast Rectifier
Revision: 07-Nov-07
BYWB29-200-E3/45 VISHAY-BYWB29-200-E3/45 Datasheet
133Kb / 5P
   Ultrafast Rectifier
Revision: 20-Feb-15
BYWB29-200-E3/81 VISHAY-BYWB29-200-E3/81 Datasheet
141Kb / 5P
   Ultrafast Rectifier
Revision: 07-Nov-07
BYWB29-200-E3/81 VISHAY-BYWB29-200-E3/81 Datasheet
133Kb / 5P
   Ultrafast Rectifier
Revision: 20-Feb-15
BYWB29-200HE3/45 VISHAY-BYWB29-200HE3/45 Datasheet
141Kb / 5P
   Ultrafast Rectifier
Revision: 07-Nov-07
More results

Similar Description - BYWB29-100

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
GI1401 GE-GI1401 Datasheet
74Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
GIF1401 GE-GIF1401 Datasheet
134Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP30AP GE-FEP30AP Datasheet
73Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com