Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19427-0109 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 19427-0109
Description  5.84mm Pitch MX150L??Right Angle PCB Header, Single Row, without PCB Flange, Gold (Au) Plated, 2 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

19427-0109 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  19427-0109 Datasheet HTML 1Page - Molex Electronics Ltd. 19427-0109 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
18A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Product Specification
PS-19427-001
Sales Drawing
SD-19427-018
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 19427-0109

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19427-0102 MOLEX11-19427-0102 Datasheet
49Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 16 Circuits
19427-0103 MOLEX11-19427-0103 Datasheet
50Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 12 Circuits
19427-0104 MOLEX11-19427-0104 Datasheet
50Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 10 Circuits
19427-0105 MOLEX11-19427-0105 Datasheet
65Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 8 Circuits
19427-0106 MOLEX11-19427-0106 Datasheet
52Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 6 Circuits
More results

Similar Description - 19427-0109

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194270109 MOLEX1-0194270109_18 Datasheet
39Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Single Row, without PCB Flange,Gold (Au) Plated, 2 Circuits
0194270102 MOLEX1-0194270102_18 Datasheet
42Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 16 Circuits
0194270106 MOLEX1-0194270106_18 Datasheet
45Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 6 Circuits
0194270105 MOLEX1-0194270105_18 Datasheet
47Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 8 Circuits
19427-0102 MOLEX11-19427-0102 Datasheet
49Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 16 Circuits
19427-0103 MOLEX11-19427-0103 Datasheet
50Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 12 Circuits
19427-0104 MOLEX11-19427-0104 Datasheet
50Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 10 Circuits
19427-0106 MOLEX11-19427-0106 Datasheet
52Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 6 Circuits
19427-0107 MOLEX11-19427-0107 Datasheet
55Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 4 Circuits
0194270104 MOLEX1-0194270104_18 Datasheet
44Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 10 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com