Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR349-1-154 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR349-1-154
Description  SMD INDUCTOR DR349-1 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-1-154 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR349-1-154 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-1-154 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
August 19, 2009
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 1 of 2
SMD INDUCTOR DR349-1 SERIES
Features
Low Profile Surface Mount Design
Suitable for Reflow soldering
Inductance Range from 10nH to 220µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
INDUCTANCE (
H)
DCR (
) MAX.
MAX. RATED CURRENT(mA)
DR349-1-100
0.010
20%
@100MHz
0.13
450
DR349-1-150
0.015
20%
@100MHz
0.16
450
DR349-1-220
0.022
20%
@100MHz
0.20
450
DR349-1-330
0.033
20%
@100MHz
0.24
450
DR349-1-470
0.047
20%
@100MHz
0.30
450
DR349-1-680
0.068
20%
@100MHz
0.36
450
DR349-1-101
0.10
20%
@25.2MHz
0.44
450
DR349-1-121
0.12
20%
@25.2MHz
0.22
450
DR349-1-151
0.15
20%
@25.2MHz
0.25
450
DR349-1-181
0.18
20%
@25.2MHz
0.28
450
DR349-1-221
0.22
20%
@25.2MHz
0.32
450
DR349-1-271
0.27
20%
@25.2MHz
0.36
450
DR349-1-331
0.33
20%
@25.2MHz
0.40
450
DR349-1-391
0.39
20%
@25.2MHz
0.45
450
DR349-1-471
0.47
20%
@25.2MHz
0.50
450
DR349-1-561
0.56
20%
@25.2MHz
0.55
450
DR349-1-681
0.68
20%
@25.2MHz
0.60
450
DR349-1-821
0.82
20%
@25.2MHz
0.65
450
DR349-1-102
1.0
10%
@7.96MHz
0.70
400
DR349-1-122
1.2
10%
@7.96MHz
0.75
390
DR349-1-152
1.5
10%
@7.96MHz
0.85
370
DR349-1-182
1.8
10%
@7.96MHz
0.90
350
DR349-1-222
2.2
10%
@7.96MHz
1.0
320
DR349-1-272
2.7
10%
@7.96MHz
1.1
290
DR349-1-332
3.3
10%
@7.96MHz
1.2
260
DR349-1-392
3.9
10%
@7.96MHz
1.3
250
DR349-1-472
4.7
10%
@7.96MHz
1.5
220
DR349-1-562
5.6
10%
@7.96MHz
1.6
200
DR349-1-682
6.8
10%
@7.96MHz
1.8
180
DR349-1-822
8.2
10%
@7.96MHz
2.0
170
DR349-1-103
10
10%
@2.52MHz
2.1
150
DR349-1-123
12
10%
@2.52MHz
2.5
140
DR349-1-153
15
10%
@2.52MHz
2.8
130
DR349-1-183
18
10%
@2.52MHz
3.3
120
DR349-1-223
22
10%
@2.52MHz
3.7
110
DR349-1-273
27
10%
@2.52MHz
5.0
80
DR349-1-333
33
10%
@2.52MHz
5.6
70
DR349-1-393
39
10%
@2.52MHz
6.4
65
DR349-1-473
47
10%
@2.52MHz
7.0
60
DR349-1-563
56
10%
@2.52MHz
8.0
55
DR349-1-683
68
10%
@2.52MHz
9.0
50
DR349-1-823
82
10%
@2.52MHz
10
45
DR349-1-104
100
10%
@0.796MHz
10
40
DR349-1-124
120
10%
@0.796MHz
11
70
DR349-1-154
150
10%
@0.796MHz
15
65
DR349-1-184
180
10%
@0.796MHz
17
60
DR349-1-224
220
10%
@0.796MHz
21
50


Similar Part No. - DR349-1-154

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-1-154 DATATRONICS-DR349-1-154 Datasheet
88Kb / 2P
   SMD INDUCTOR
More results

Similar Description - DR349-1-154

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-3 DATATRONICS-DR349-3_14 Datasheet
59Kb / 2P
   SMD INDUCTOR DR349-3 SERIES
DR349-4 DATATRONICS-DR349-4_14 Datasheet
89Kb / 2P
   SMD INDUCTOR DR349-4 SERIES
DR349-2 DATATRONICS-DR349-2_14 Datasheet
87Kb / 2P
   SMD INDUCTOR DR349-2 SERIES
DR349-6 DATATRONICS-DR349-6_14 Datasheet
65Kb / 2P
   SMD INDUCTOR DR349-6 SERIES
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
   SMD INDUCTOR DR331-1 SERIES
DR365-1 DATATRONICS-DR365-1_14 Datasheet
74Kb / 1P
   SMD INDUCTOR DR365-1 SERIES
DR353-1 DATATRONICS-DR353-1_14 Datasheet
88Kb / 2P
   SMD INDUCTOR DR353-1 SERIES
DR333-1 DATATRONICS-DR333-1_14 Datasheet
119Kb / 1P
   SMD INDUCTOR DR333-1 SERIES
DR337-1 DATATRONICS-DR337-1_14 Datasheet
104Kb / 1P
   SMD INDUCTOR DR337-1 SERIES
DR354-1 DATATRONICS-DR354-1_14 Datasheet
160Kb / 2P
   SMD INDUCTOR DR354-1 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com