Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7211AIM5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7211AIM5
Description  LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7211AIM5 Datasheet(HTML) 4 Page - Texas Instruments

  LMC7211AIM5 Datasheet HTML 1Page - Texas Instruments LMC7211AIM5 Datasheet HTML 2Page - Texas Instruments LMC7211AIM5 Datasheet HTML 3Page - Texas Instruments LMC7211AIM5 Datasheet HTML 4Page - Texas Instruments LMC7211AIM5 Datasheet HTML 5Page - Texas Instruments LMC7211AIM5 Datasheet HTML 6Page - Texas Instruments LMC7211AIM5 Datasheet HTML 7Page - Texas Instruments LMC7211AIM5 Datasheet HTML 8Page - Texas Instruments LMC7211AIM5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMC7211-N
SNOS746F – MAY 2004 – REVISED JANUARY 2013
www.ti.com
5.0V and 15.0V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5.0V and 15V, V= 0V, V
CM = VO = V
+/2. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7211AI
LMC7211BI
Units
Typ (1)
Limit(2)
Limit(2)
ISC
Short Circuit Current
Sourcing
30
mA
Sinking (3)
45
mA
(3)
Do not short circuit output to V+, when V+ is greater than 12V or reliability will be adversely affected.
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2. Boldface limits apply at
the temperature extreme.
Symbol
Parameter
Conditions
LMC7211AI
LMC7211BI
Units
Typ (1)
Limit(2)
Limit(2)
trise
Rise Time
f = 10 kHz, Cl = 50 pF,
0.3
μs
Overdrive = 10 mV (3)
tfall
Fall Time
f = 10 kHz, Cl = 50 pF,
0.3
μs
Overdrive = 10 mV (3)
tPHL
Propagation Delay (High
f = 10 kHz,
10 mV
10
μs
to Low) (4)
Cl = 50 pF (3)
100 mV
4
V+ = 2.7V,
10 mV
10
μs
f = 10 kHz,
100 mV
4
Cl = 50 pF (3)
tPLH
Propagation Delay
f = 10 kHz,
10 mV
6
μs
(Low to High)(4)
Cl = 50p(3)
100 mV
4
V+ = 2.7V,
10 mV
7
μs
f = 10 kHz,
100 mV
4
Cl = 50 pF(3)
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
CL includes the probe and jig capacitance.
(4)
Input step voltage for propagation delay measurement is 2V.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMC7211-N


Similar Part No. - LMC7211AIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7211AIM5 NSC-LMC7211AIM5 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI-LMC7211AIM5 Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5/NOPB TI1-LMC7211AIM5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results

Similar Description - LMC7211AIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com