Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7211BIM5NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC7211BIM5NOPB
Description  LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7211BIM5NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMC7211BIM5NOPB Datasheet HTML 1Page - Texas Instruments LMC7211BIM5NOPB Datasheet HTML 2Page - Texas Instruments LMC7211BIM5NOPB Datasheet HTML 3Page - Texas Instruments LMC7211BIM5NOPB Datasheet HTML 4Page - Texas Instruments LMC7211BIM5NOPB Datasheet HTML 5Page - Texas Instruments LMC7211BIM5NOPB Datasheet HTML 6Page - Texas Instruments LMC7211BIM5NOPB Datasheet HTML 7Page - Texas Instruments LMC7211BIM5NOPB Datasheet HTML 8Page - Texas Instruments LMC7211BIM5NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LMC7211-N
www.ti.com
SNOS746F – MAY 2004 – REVISED JANUARY 2013
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Check for Samples: LMC7211-N
1
FEATURES
APPLICATIONS
2
Tiny SOT 23-5 package saves space
Battery Powered Products
Package is less than 1.43 mm thick
Notebooks and PDAs
Guaranteed specs at 2.7V, 5V, 15V supplies
PCMCIA cards
Typical supply current 7
μA at 5V
Mobile Communications
Response time of 4
μs at 5V
Alarm and Security circuits
Push-pull output
Direct Sensor Interface
Input common-mode range beyond V
− and V+
Replaces amplifiers used as comparators with
better performance and lower current
Low input current
DESCRIPTION
The LMC7211 is a micropower CMOS comparator available in the space saving SOT23-5 package. This makes
the comparator ideal for space and weight critical designs. The LMC7211 is supplied in two offset voltage
grades, 5 mV and 15 mV.
The main benefits of the Tiny package are most apparent in small portable electronic devices, such as mobile
phones, pagers, notebook computers, personal digital assistants, and PCMCIA cards. The rail-to-rail input
voltage makes the LMC7211 a good choice for sensor interfacing, such as light detector circuits, optical and
magnetic sensors, and alarm and status circuits.
The Tiny Comparator's outside dimensions (length x width x height) of 3.05mm x 3.00mm x 1.43mm allow it to fit
into tight spaces on PC boards.
See the LMC7221 for a comparator with an open-drain output.
CONNECTION DIAGRAM
Figure 1. 8-Pin SOIC-8
Figure 2. 5-Pin SOT23-5
Top View
Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC7211BIM5NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7211BIM5 NSC-LMC7211BIM5 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211BIM5 TI1-LMC7211BIM5 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211BIM5 TI-LMC7211BIM5 Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211BIM5 TI1-LMC7211BIM5 Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211BIM5/NOPB TI1-LMC7211BIM5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results

Similar Description - LMC7211BIM5NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com