Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55-C3V0 Datasheet(PDF) 2 Page - General Semiconductor

Part # BZV55-C3V0
Description  ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZV55-C3V0 Datasheet(HTML) 2 Page - General Semiconductor

  BZV55-C3V0 Datasheet HTML 1Page - General Semiconductor BZV55-C3V0 Datasheet HTML 2Page - General Semiconductor BZV55-C3V0 Datasheet HTML 3Page - General Semiconductor BZV55-C3V0 Datasheet HTML 4Page - General Semiconductor BZV55-C3V0 Datasheet HTML 5Page - General Semiconductor BZV55-C3V0 Datasheet HTML 6Page - General Semiconductor BZV55-C3V0 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BZV55 SERIES
ELECTRICAL CHARACTERISTICS
(1) Valid provided that electrodes are kept at ambient temperature.
BZV55-y2V4
100
600
– 0.08
– 0.06
50
1
BZV55-y2V7
100
600
– 0.08
– 0.06
20
1
BZV55-y3V0
95
600
– 0.08
– 0.06
10
1
BZV55-y3V3
95
600
– 0.08
– 0.05
5
1
BZV55-y3V6
90
600
– 0.08
– 0.04
5
1
BZV55-y3V9
90
600
– 0.07
– 0.03
3
1
BZV55-y4V3
90
600
– 0.04
– 0.01
3
1
BZV55-y4V7
80
500
– 0.03
+0.01
3
2
BZV55-y5V1
60
480
– 0.02
+0.05
2
2
BZV55-y5V6
40
400
– 0.01
+0.06
1
2
BZV55-y6V2
10
150
0
+0.07
3
4
BZV55-y6V8
15
80
+0.01
+0.08
2
4
BZV55-y7V5
15
80
+0.01
+0.09
1
5
BZV55-y8V2
15
80
+0.01
+0.09
0.7
5
BZV55-y9V1
15
100
+0.02
+0.10
0.5
6
BZV55-y10
20
150
+0.03
+0.11
0.2
7
BZV55-y11
20
150
+0.03
+0.11
0.1
8
BZV55-y12
25
150
+0.03
+0.11
0.1
8
BZV55-y13
30
170
+0.03
+0.11
0.1
8
BZV55-y15
30
200
+0.03
+0.11
0.05
10
BZV55-y16
40
200
+0.03
+0.11
0.05
11
BZV55-y18
45
225
+0.03
+0.11
0.05
13
BZV55-y20
55
225
+0.03
+0.11
0.05
14
BZV55-y22
55
250
+0.03
+0.11
0.05
15
BZV55-y24
70
250
+0.04
+0.12
0.05
17
BZV55-y27
80(3)
300(4)
+0.04(3)
+0.12 (3)
0.05
19
BZV55-y30
80(3)
300(4)
+0.04(3)
+0.12 (3)
0.05
21
BZV55-y33
80(3)
325(4)
+0.04(3)
+0.12 (3)
0.05
23
BZV55-y36
90(3)
350(4)
+0.043)
+0.12 (3)
0.05
25
BZV55-y39
130(3)
350(4)
+0.04(3)
+0.12 (3)
0.05
27
BZV55-y43
150(3)
375(4)
+0.04(3)
+0.12 (3)
0.05
30
BZV55-y47
170(3)
375(4)
+0.04(3)
+0.12 (3)
0.05
33
BZV55-y51
180(3)
400(4)
+0.04(3)
+0.12 (3)
0.05
36
BZV55-y56
200(3)
425(4)
typ. +0.1(3)
0.05
39
BZV55-y62
215(3)
450(4)
typ. +0.1(3)
0.05
43
BZV55-y68
240(3)
475(4)
typ. +0.1(3)
0.05
48
BZV55-y75
255(3)
500(4)
typ. +0.1(3)
0.05
53
(1) Tested with pulses tp = 5 ms.
(2) Valid provided that electrodes are kept at ambient temperature.
(3) at IZ = 2.0 mA
(4) at IZ = 0.5 mA
y = Zener voltage tolerance designator
Type
y=B for ±2%Vz
y=F for ±3%Vz
y=C for ±5%Vz
Dynamic Resistance
at
at
IZ = 5 mA
IZ = 1 mA
f =1 kHz
f =1 kHz
rzj (
Ω)
rzj (
Ω)
max.
max.
Temp. coefficient
of Zener Voltage
at
IZ = 5 mA
αVZ (%/K)
min.
max.
Reverse leakage
current
at Tamb = 25°C
at
I R (
µA)
VR (V)


Similar Part No. - BZV55-C3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-C3V0 PHILIPS-BZV55-C3V0 Datasheet
60Kb / 12P
   Voltage regulator diodes
2002 Feb 28
logo
GOOD-ARK Electronics
BZV55-C3V0 GOOD-ARK-BZV55-C3V0 Datasheet
313Kb / 7P
   Zener Diodes
logo
NXP Semiconductors
BZV55-C3V0 NXP-BZV55-C3V0 Datasheet
77Kb / 12P
   Voltage regulator diodes
Rev. 5-26 January 2011
More results

Similar Description - BZV55-C3V0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com