Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4066B-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD4066B-Q1
Description  CMOS QUAD BILATERAL SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066B-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4066B-Q1 Datasheet HTML 3Page - Texas Instruments CD4066B-Q1 Datasheet HTML 4Page - Texas Instruments CD4066B-Q1 Datasheet HTML 5Page - Texas Instruments CD4066B-Q1 Datasheet HTML 6Page - Texas Instruments CD4066B-Q1 Datasheet HTML 7Page - Texas Instruments CD4066B-Q1 Datasheet HTML 8Page - Texas Instruments CD4066B-Q1 Datasheet HTML 9Page - Texas Instruments CD4066B-Q1 Datasheet HTML 10Page - Texas Instruments CD4066B-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X-Y
Plotter
1-k
Range
TG
On
Keithley
160 Digital
Multimeter
H. P.
Moseley
7030A
X
VSS
VDD
10 k
92CS-22716
Y
TYPICAL ON CHARACTERISTICS
FOR 1 OF 4 CHANNELS
3
2
1
0
−1
−2
−3
−3
−2
−1
0
1
2
3
4
V −
I
Input Voltage − V
92CS-30919
VDD
VC = VDD
Vis
Vos
R
V
L
SS
All unused terminals are
connected to VSS
CD4066B
1 of 4
Switches
10
10
10
10
2
3
10
10
10
10
1
2
3
4
f − Switching Frequency − kHz
POWER DISSIPATION PER PACKAGE
vs
SWITCHING FREQUENCY
TA = 25°C
4
2
6
4
2
6
4
2
6
4
2
2
4
6
2
4
6
92C-30920
5 V
10 V
VSS
VDD
5
6
13
12
7
CD4066B
Supply Voltage
(VDD) = 15 V
6
CD4066B-Q1
www.ti.com
SCHS383
– APRIL 2011
TYPICAL CHARACTERISTICS (continued)
Figure 7. Channel On-State Resistance Measurement Circuit
Figure 8.
Figure 9.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :CD4066B-Q1


Similar Part No. - CD4066B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B-Q1 TI1-CD4066B-Q1 Datasheet
285Kb / 15P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI1-CD4066B-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com