Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4066BQDRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD4066BQDRQ1
Description  CMOS QUAD BILATERAL SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066BQDRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4066BQDRQ1 Datasheet HTML 4Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 5Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 6Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 7Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 8Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 9Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 10Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 11Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
VDD
VC = VSS
Vos
VSS
CD4066B
1 of 4
Switches
Vis = VDD
I
92CS-30922
All unused terminals are connected to VSS.
VDD = 5 V
VC = −5 V
VSS = −5 V
Cios
Cis
Cos
CD4066B
1 of 4
Switches
Measured on Boonton capacitance bridge, model 75a (1 MHz);
test-fixture capacitance nulled out.
92CS-30921
VDD
V
V
C
os
VSS
CD4066B
1 of 4
Switches
Vis
+10 V
tr = tf = 20 ns
92CS-30924
10 k
1 k
All unused terminals are connected to VSS.
VDD
VC = VDD
Vos
VSS
CD4066B
1 of 4
Switches
Vis
92CS-30923
200 k
50 pF
VDD
tr = tf = 20 ns
All unused terminals are connected to VSS.
VDD
VC = VDD
Vos
VSS
CD4066B
1 of 4
Switches
VDD
92CS-30925
1 k
50 pF
VDD
NOTES: A.All unused terminals are connected to V SS.
B. Delay is measured at Vos level of +10% from ground (turn-on) or on-state output level (turn-off).
tr = tf = 20 ns
CD4066B-Q1
SCHS383
– APRIL 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 10. Typical On Characteristics for One of Four
Figure 11. Off-Switch Input or Output Leakage
Channels
Figure 12. Propagation Delay Time Signal Input (Vis) to
Figure 13. Crosstalk-Control Input to Signal Output
Signal Output (Vos)
Figure 14. Propagation Delay, tPLH, tPHL Control-Signal Output
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :CD4066B-Q1


Similar Part No. - CD4066BQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066BQDRQ1 TI1-CD4066BQDRQ1 Datasheet
285Kb / 15P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066BQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com