Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH0035 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0035
Description  SCHOTTKY POWER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0035 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0035 Datasheet HTML 1Page - Solid States Devices, Inc SH0035 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR3045CTG
Electrical Characteristics 1/ , per leg
Symbol
Min
Typ Max
Units
Instantaneous Forward Voltage Drop
IF = 1 A
IF = 5 A
IF = 10 A
IF = 15 A
VF1
VF2
VF3
VF4
––
430
520
600
700
––
600
––
800
mV
Instantaneous Forward Voltage Drop,
Tc= 125 oC
IF = 5 A
IF = 15 A
VF5
VF6
––
400
600
500
700
mV
Instantaneous Forward Voltage Drop,
Tc= -55 oC
IF = 5 A
IF = 15 A
VF7
VF8
––
580
750
––
mV
Reverse Leakage Current
VR = 45V
IR1
––
10
50
µA
Reverse Leakage Current, Tc= 100 oC
VR = 45V
IR2
––
1500
––
µA
Reverse Leakage Current, Tc= 125 oC
VR = 45V
IR3
––
6.5
15
mA
Junction Capacitance
VR = 10V, f= 1 MHz
Cj1
––
500
600
pF
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/Unless Otherwise Specified, All Electrical Characteristics @25oC
200
250
300
350
400
450
500
550
600
650
700
010
20
30
IF (A)
VF (mV)
125 C
100 C
150
-55 C
25 C
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0035A
DOC


Similar Part No. - SH0035

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0035 SSDI-SH0035_15 Datasheet
168Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY POWER DIODE
More results

Similar Description - SH0035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20200C STMICROELECTRONICS-STPS20200C Datasheet
422Kb / 15P
   Power Schottky diode
logo
GeneSiC Semiconductor, ...
GB02SHT03-46 GENESIC-GB02SHT03-46 Datasheet
557Kb / 4P
   Power Schottky Diode
logo
Solid States Devices, I...
SH0034 SSDI-SH0034 Datasheet
153Kb / 2P
   SCHOTTKY POWER DIODE
SH0064B SSDI-SH0064B Datasheet
101Kb / 2P
   POWER SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
1N8031-GA GENESIC-1N8031-GA Datasheet
676Kb / 5P
   Power Schottky Diode
1N8034-GA GENESIC-1N8034-GA Datasheet
801Kb / 5P
   Power Schottky Diode
1N8024-GA GENESIC-1N8024-GA Datasheet
782Kb / 5P
   Power Schottky Diode
1N8026-GA GENESIC-1N8026-GA Datasheet
768Kb / 5P
   Power Schottky Diode
1N8028-GA GENESIC-1N8028-GA Datasheet
796Kb / 5P
   Power Schottky Diode
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B_15 Datasheet
101Kb / 2P
   POWER SCHOTTKY DIODE
SED30KB45 SSDI-SED30KB45_1 Datasheet
81Kb / 2P
   POWER SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com