Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04P7V0 Datasheet(PDF) 1 Page - General Semiconductor

Part # BZW04P7V0
Description  TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZW04P7V0 Datasheet(HTML) 1 Page - General Semiconductor

  BZW04P7V0 Datasheet HTML 1Page - General Semiconductor BZW04P7V0 Datasheet HTML 2Page - General Semiconductor BZW04P7V0 Datasheet HTML 3Page - General Semiconductor BZW04P7V0 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZW04P-5V8 THRU BZW04-376
TRANSZORB™ TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.8 to 376 Volts
Peak Pulse Power - 400 Watts
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated chip junction
♦ 400W peak pulse power
capability with a 10/1000
µs waveform,
repetition rate (duty cycle): 0.01%
♦ Excellent clamping
capability
♦ Low incremental surge resistance
♦ Fast response time: typically less
than 1.0 ps from 0 Volts to V(BR) for uni-
directional and 5.0ns for bi-directional types
♦ Typical ID less than 1µA above 10V rating
♦ High temperature soldering guaranteed:
265°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3 kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over passivated
junction
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: For unidirectional types the color band denotes
the cathode, which is postitive with respect to the anode
under normal TVS operation
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use add suffix Letter "B" (e.g. BZW04P-6V4B).
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000
µs waveform
(NOTE 1, FIG. 1)
PPPM
Minimum 400
Watts
Peak pulse current with a 10/1000
µs waveform
(NOTE 1)
IPPM
SEE TABLE 1
Amps
Steady state power dissipation at TL=75°C
lead lengths, 0.375” (9.5mm) (NOTE 2)
PM(AV)
1.0
Watts
Peak forward surge current, 8.3ms single half
Sine-wave superimposed on rated load
(JEDEC Method) (NOTE 3) unidirectional only
IFSM
40.0
Amps
Maximum instantaneous forward voltage at 25A
(NOTE 4) uni-directional only
VF
3.5/5.0
Volts
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C
NOTES:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2
(2) Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5
(3) 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
(4) VF=3.5V max. for devices of V(BR)
≤220V and VF=5.0 Volt max. for devices of V(BR)>220V
1/5/98
DO204AL
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
NOTE:
Lead diameter is
for suffix "E" part numbers
0.026 (0.66)
0.023 (0.58)
Dimensions are in inches
and
(millimeters)


Similar Part No. - BZW04P7V0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZW04P7V0 EIC-BZW04P7V0 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
BZW04P7V0 DBLECTRO-BZW04P7V0 Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P7V0 BILIN-BZW04P7V0 Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04P7V0 VISHAY-BZW04P7V0 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
BZW04P7V0 MDE-BZW04P7V0 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04P7V0

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE6.5A NJSEMI-LCE6.5A Datasheet
222Kb / 2P
   LOW CAPACITANCE TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com