Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8329 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS8329
Description  LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8329 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8329_14 Datasheet HTML 6Page - Texas Instruments ADS8329_14 Datasheet HTML 7Page - Texas Instruments ADS8329_14 Datasheet HTML 8Page - Texas Instruments ADS8329_14 Datasheet HTML 9Page - Texas Instruments ADS8329_14 Datasheet HTML 10Page - Texas Instruments ADS8329_14 Datasheet HTML 11Page - Texas Instruments ADS8329_14 Datasheet HTML 12Page - Texas Instruments ADS8329_14 Datasheet HTML 13Page - Texas Instruments ADS8329_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
PIN ASSIGNMENTS
REF+(REFIN)
NC
CONVST
EOC/
/CDI
INT
RESERVED
+VA
+VBD
SCLK
1
2
3
4
12
11
10
9
REF+(REFIN)
NC
CONVST
EOC/
/CDI
INT
+IN1
+VA
+VBD
SCLK
1
2
3
4
12
11
10
9
+VBD
SCLK
BDGND
SDO
SDI
FS/CS
EOC/INT/CDI
CONVST
+VA
RESERVED
+IN
-IN
AGND
REF-
REF+(REFIN)
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+VBD
SCLK
BDGND
SDO
SDI
FS/CS
EOC/INT/CDI
CONVST
+VA
+IN1
+IN0
COM
AGND
REF-
REF+(REFIN)
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADS8329
ADS8330
SLAS516C – DECEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
ADS8329
ADS8330
RSA PACKAGE
RSA PACKAGE
(TOP VIEW)
(TOP VIEW)
CAUTION: The thermal pad is internally connected to the substrate. This pad can be connected to the analog
ground or left floating. Keep the thermal pad separate from the digital ground, if possible.
ADS8329
ADS8330
PW PACKAGE
PW PACKAGE
(TOP VIEW)
(TOP VIEW)
NC = No internal connection
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8329 ADS8330


Similar Part No. - ADS8329_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS8329_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com