Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4016M96 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4016M96
Description  High-Speed CMOS Logic Quad Bilateral Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4016M96 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4016M96 Datasheet HTML 1Page - Texas Instruments CD74HC4016M96 Datasheet HTML 2Page - Texas Instruments CD74HC4016M96 Datasheet HTML 3Page - Texas Instruments CD74HC4016M96 Datasheet HTML 4Page - Texas Instruments CD74HC4016M96 Datasheet HTML 5Page - Texas Instruments CD74HC4016M96 Datasheet HTML 6Page - Texas Instruments CD74HC4016M96 Datasheet HTML 7Page - Texas Instruments CD74HC4016M96 Datasheet HTML 8Page - Texas Instruments CD74HC4016M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Control to Switch Feedthrough Noise
Figure 8
4.5
TBE
mV
9
TBE
mV
Switch “OFF” Signal Feedthrough, Figure 4
Figure 9, Notes 5, 6
4.5
-62
dB
Switch Input Capacitance, CS
-5
pF
NOTES:
4. Adjust input level for 0dBm at output, f = 1MHz.
5. VIS is centered at VCC/2.
6. Adjust input for 0dBm at VIS.
Analog Channel Specifications TA = 25oC (Continued)
PARAMETER
TEST CONDITIONS
VCC (V)
CD74HC4016
UNITS
Typical Performance Curves
FIGURE 1. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL
VOLTAGE
FIGURE 2. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL
VOLTAGE
FIGURE 3. SWITCH FREQUENCY RESPONSE
FIGURE 4. SWITCH-OFF SIGNAL FEEDTHROUGH AND
CROSSTALK vs FREQUENCY
110
100
90
80
70
60
50
40
30
20
10
01
23
45
4.5
INPUT SIGNAL VOLTAGE, VIS (V)
6
VCC = 6V
VCC = 4.5V
0
50
45
40
35
30
25
20
15
10
01
2
3
4
6
5
INPUT SIGNAL VOLTAGE, VIS (V)
7
VCC = 9V
89
5
0
60
0
-1
-2
-3
-4
10K
100K
1M
10M
100M
FREQUENCY (f), Hz
CL = 10pF
VCC = 4.5V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
CL = 10pF
VCC = 9V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
0
-20
-40
-60
-80
10K
100K
1M
10M
100M
FREQUENCY (f), Hz
CL = 10pF
VCC = 4.5V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
CL = 10pF
VCC = 9V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
-100
CD74HC4016
CD74HC4016


Similar Part No. - CD74HC4016M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4016M96 TI1-CD74HC4016M96 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results

Similar Description - CD74HC4016M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1_14 Datasheet
871Kb / 17P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_07 Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com