Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6128IRGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6128IRGZT
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6128IRGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS6128IRGZT Datasheet HTML 4Page - Texas Instruments ADS6128IRGZT Datasheet HTML 5Page - Texas Instruments ADS6128IRGZT Datasheet HTML 6Page - Texas Instruments ADS6128IRGZT Datasheet HTML 7Page - Texas Instruments ADS6128IRGZT Datasheet HTML 8Page - Texas Instruments ADS6128IRGZT Datasheet HTML 9Page - Texas Instruments ADS6128IRGZT Datasheet HTML 10Page - Texas Instruments ADS6128IRGZT Datasheet HTML 11Page - Texas Instruments ADS6128IRGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
ELECTRICAL CHARACTERISTICS – ADS614x and ADS612x
ADS6149/ADS6129
ADS6148/ADS6128
SLWS211B – JULY 2008 – REVISED OCTOBER 2008 ..................................................................................................................................................... www.ti.com
Typical values are at 25°C, AVDD = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1dBFS differential analog input, internal
reference mode unless otherwise noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, DRVDD = 1.8 V
ADS6149/ADS6129
ADS6148/ADS6128
210 MSPS
250 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Fin = 20 MHz
92
92
Fin = 80 MHz
86
82
SFDR
Fin = 100 MHz
85
81
dBc
Spurious Free Dynamic Range
Fin = 170 MHz
74
82
74
83
Fin = 300 MHz
76
76
Fin = 10 MHz
89
88.5
Fin = 20 MHz
83
80
THD
Fin = 80 MHz
82
79
dBc
Total Harmonic Distortion
Fin = 170 MHz
71
79
71
80
Fin = 300 MHz
73
73
Fin = 20 MHz
94
94
Fin = 80 MHz
90
88
HD2,
Fin = 100 MHz
88
88
dBc
Second Harmonic Distortion
Fin = 170 MHz
74
84
74
84
Fin = 300 MHz
76
76
Fin = 20 MHz
93
92
Fin = 80 MHz
86
82
HD3
Fin = 100 MHz
85
81
dBc
Third Harmonic Distortion
Fin = 170 MHz
74
82
74
83
Fin = 300 MHz
76
76
Fin = 20 MHz
96
96
Fin = 80 MHz
94
94
Worst Spur
Fin = 100 MHz
94
94
dBc
Other than second, third harmonics
Fin = 170 MHz
92
92
Fin = 300 MHz
90
90
F1 = 46 MHz, F2 = 50 MHz,
94
95
Each tone at –7 dBFS
IMD
dBFS
2-Tone inter-modulation distortion
F1 = 185 MHz, F2 = 190 MHz,
90
90
Each tone at –7 dBFS
Recovery to within 1% (of final value) for
clock
Input overload recovery
1
1
6-dB overload with sine wave input
cycles
PSRR
For 100 mVPP signal on AVDD supply
25
25
dB
AC power supply rejection ratio
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128


Similar Part No. - ADS6128IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6128IRGZT TI-ADS6128IRGZT Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZT TI-ADS6128IRGZT Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZT TI-ADS6128IRGZT Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZTG4 TI-ADS6128IRGZTG4 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS6128IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com