Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJPF13007H2 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FJPF13007H2
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJPF13007H2 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FJPF13007H2 Datasheet HTML 1Page - Fairchild Semiconductor FJPF13007H2 Datasheet HTML 2Page - Fairchild Semiconductor FJPF13007H2 Datasheet HTML 3Page - Fairchild Semiconductor FJPF13007H2 Datasheet HTML 4Page - Fairchild Semiconductor FJPF13007H2 Datasheet HTML 5Page - Fairchild Semiconductor FJPF13007H2 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
FJPF13007 Rev. C
Typical Performance Characteristics
Figure 1. DC Current Gain
Figure 2. Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
Figure 5. Turn Off Time
Figure 6. Forward Biased Safe Operating Area
0.1
1
10
1
10
100
VCE = 5V
IC[A], COLLECTOR CURRENT
0.1
1
10
100
0.01
0.1
1
10
I
C = 3 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
1000
1
10
100
1000
V
CB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
10
100
1000
V
CC=125V
I
C=5IB
t
D,
V
BE(off)=5V
t
R
I
C[A], COLLECTOR CURRENT
0.1
1
10
10
100
1000
10000
V
CC=125V
I
C=5IB
t
F
t
STG
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
100
DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - FJPF13007H2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF13007 FAIRCHILD-FJPF13007 Datasheet
55Kb / 5P
   High Voltage Switch Mode Application
logo
ON Semiconductor
FJPF13007 ONSEMI-FJPF13007 Datasheet
194Kb / 7P
   High Voltage Fast-Switching NPN Power Transistor
FJPF13007 Rev. C
More results

Similar Description - FJPF13007H2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com