Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

58-1200-1M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 58-1200-1M
Description  BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

58-1200-1M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  58-1200-1M Datasheet HTML 1Page - List of Unclassifed Manufacturers 58-1200-1M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• UL Listed Cable: Ensures quality and consistency in the cable
construction.
• RG-6: Cable type that is standard in the video and cable TV industry
• Molded Ends: Limits the amount of bending the cable is exposed to
at the connector to prevent cable breakage.
• Screw-on F-Type Connectors: Ensure positive connection thus
eliminating shadows in the picture.
• Lengths Available up to 100 ft.: Easily route cables into other
rooms or floors.
• Available in black or white: Easily hide the cable along walls or behind equipment.
• Individually bagged
• UL Listed Cable: Ensures quality and consistency in the cable construction.
• Boot is molded to cable connector for added strength: Limits the
amount of bending the cable is exposed to at the connector to prevent
cable breakage.
• Gold center pins: Ensures that there is a high quality connection
maintaining the best return loss in high definition applications.
• Machined Brass Connectors: Unlike die-cast connectors,
machined brass connectors have more precise tolerances,
strength and positive mating meaning low signal loss for precise
video and data applications.
• 95% Shielding: Keeps unwanted RF interference from infiltrating your signal giving
you nice, clean output.
• 80º temperature rating: Applicable to any application found indoors.
• Lengths Available up to 100 ft.: Easily route cables into other rooms or floors.
• Individually bagged
BNC to BNC Coax Cable Assemblies: Used in Serial Digital,
Communication, HDTV, and Broadband Applications
F Cables with Screw-on Ends: Used in Broadband Applications
The Value Leader


Similar Part No. - 58-1200-1M

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
58-12-1AE OENINDIA-58-12-1AE Datasheet
78Kb / 1P
   MINIATURE POWER RELAY
58-12-1AKE OENINDIA-58-12-1AKE Datasheet
78Kb / 1P
   MINIATURE POWER RELAY
58-12-1AKNIL OENINDIA-58-12-1AKNIL Datasheet
78Kb / 1P
   MINIATURE POWER RELAY
58-12-1ANIL OENINDIA-58-12-1ANIL Datasheet
78Kb / 1P
   MINIATURE POWER RELAY
58-12-1CE OENINDIA-58-12-1CE Datasheet
78Kb / 1P
   MINIATURE POWER RELAY
More results

Similar Description - 58-1200-1M

ManufacturerPart #DatasheetDescription
logo
API Delevan
F6-15W API-F6-15W Datasheet
58Kb / 2P
   BNC to BNC Coax Cable Assemblies Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
Pasternack Enterprises,...
PE3C2034 PASTERNACK-PE3C2034 Datasheet
363Kb / 4P
   BNC Male to BNC Male Cable Using RG188 Coax
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
   BNC Male to BNC Male Cable Using RG174 Coax
PE3C3325 PASTERNACK-PE3C3325 Datasheet
363Kb / 4P
   BNC Male to BNC Female Cable Using RG174 Coax
PE3C2416 PASTERNACK-PE3C2416 Datasheet
376Kb / 4P
   BNC Male to BNC Male Cable Using RG316 Coax
PE3264 PASTERNACK-PE3264 Datasheet
373Kb / 4P
   BNC Male to BNC Male Cable Using RG8X Coax
PE3C3453 PASTERNACK-PE3C3453 Datasheet
362Kb / 4P
   BNC Male to BNC Female Cable Using RG188 Coax
logo
Winchester Electronics ...
HBC335R744 WINCHESTER-HBC335R744 Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
logo
Pasternack Enterprises,...
PE3C3397 PASTERNACK-PE3C3397 Datasheet
370Kb / 4P
   BNC Male to BNC Female Bulkhead Cable Using RG174 Coax
PE3C0054 PASTERNACK-PE3C0054 Datasheet
337Kb / 3P
   BNC Male to BNC Male Cable Using LMR-195 Coax
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com