Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F17724332000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # F17724332000
Description  Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F17724332000 Datasheet(HTML) 3 Page - Vishay Siliconix

  F17724332000 Datasheet HTML 1Page - Vishay Siliconix F17724332000 Datasheet HTML 2Page - Vishay Siliconix F17724332000 Datasheet HTML 3Page - Vishay Siliconix F17724332000 Datasheet HTML 4Page - Vishay Siliconix F17724332000 Datasheet HTML 5Page - Vishay Siliconix F17724332000 Datasheet HTML 6Page - Vishay Siliconix F17724332000 Datasheet HTML 7Page - Vishay Siliconix F17724332000 Datasheet HTML 8Page - Vishay Siliconix F17724332000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
F1772 X2
www.vishay.com
Vishay Roederstein
Revision: 15-Apr-14
3
Document Number: 28161
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
URAC
(V)
CAP.
(μF)
PITCH
(mm)
DIMENSIONS
w x h x l
MAX. (mm)
MASS (3)
(g)
SPQ
(pieces)
SHORT LEAD
ORDERING CODE
BULK
LEAD LENGTH
6 mm - 1 mm (1)(2)
310
dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 10 %
0.010
15
5.0 x 11.0 x 17.5
1.4
750
F17723102000
0.012
15
5.0 x 11.0 x 17.5
1.4
750
F17723122000
0.015
15
5.0 x 11.0 x 17.5
1.4
750
F17723152000
0.018
15
5.0 x 11.0 x 17.5
1.4
750
F17723182000
0.022
15
5.0 x 11.0 x 17.5
1.4
750
F17723222000
0.027
15
5.0 x 11.0 x 17.5
1.4
750
F17723272000
0.033
15
5.0 x 11.0 x 17.5
1.4
750
F17723332000
0.039
15
6.0 x 12.0 x 17.5
2.0
500
F17723392000
0.047
15
6.0 x 12.0 x 17.5
2.0
500
F17723472000
0.056
15
6.0 x 12.0 x 17.5
2.0
500
F17723562000
dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.068
15
7.0 x 13.5 x 17.5
2.4
450
F17723682000
0.082
15
8.5 x 15.0 x 17.5
2.7
300
F17723822000
0.10
15
8.5 x 15.0 x 17.5
2.7
325
F17724102000
0.12
15
8.5 x 15.0 x 17.5
2.7
300
F17724122000
0.15
15
8.5 x 15.0 x 17.5
2.7
300
F17724152160
0.15
22.5
7.0 x 16.5 x 26.0
4.1
235
F17724152000
0.18
22.5
7.0 x 16.5 x 26.0
4.1
235
F17724182000
0.22
15
10.0 x 16.5 x 17.5
3.0
235
F17724222160
0.22
22.5
8.5 x 16.5 x 26.5
4.6
200
F17724222000
0.27
22.5
10.0 x 19.5 x 26.0
6.7
170
F17724272000
0.33
15
13.5 x 22.5 x 18.0
5.5
185
F17724332160
0.33
22.5
10.0 x 19.5 x 26.0
6.7
170
F17724332000
0.39
27.5
11.0 x 21.0 x 31.0
9.1
125
F17724392000
0.47
22.5
12.0 x 22.0 x 26.0
13.0
110
F17724472160
0.47
27.5
11.0 x 21.0 x 31.0
9.1
125
F17724472000
0.56
27.5
11.0 x 21.0 x 31.0
9.1
125
F17724562000
0.68
22.5
15.5 x 26.5 x 26.5
13.5
110
F17724682160
0.68
27.5
13.0 x 23.0 x 31.0
12.9
110
F17724682000
0.82
27.5
13.0 x 23.0 x 31.0
12.9
110
F17724822000
1.0
22.5
15.5 x 26.5 x 26.5
13.5
110
F17725102160
1.0
27.5
15.0 x 25.0 x 31.5
15.0
100
F17725102000
1.2
37.5
14.5 x 24.5 x 41.5
18.9
80
F17725122000
1.5
27.5
18.0 x 28.0 x 31.0
19.0
85
F17725152160
1.5
37.5
15.5 x 28.5 x 41.5
24.0
70
F17725152000
1.8
37.5
15.5 x 28.5 x 41.5
24.0
70
F17725182000
2.2
27.5
21.0 x 31.0 x 31.0
28.0
70
F17725222160
2.2
37.5
18.0 x 32.5 x 41.5
31.6
60
F17725222000
dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 20 %
0.010
15
5.0 x 11.0 x 17.5
1.4
750
F17723102200
0.015
15
5.0 x 11.0 x 17.5
1.4
750
F17723152200
0.022
15
5.0 x 11.0 x 17.5
1.4
750
F17723222200
0.033
15
5.0 x 11.0 x 17.5
1.4
750
F17723332200
0.047
15
5.0 x 11.0 x 17.5
1.4
750
F17723472200
0.068
15
6.0 x 12.0 x 17.5
2.0
600
F17723682200
0.10
15
6.0 x 12.0 x 17.5
2.0
600
F17724102200


Similar Part No. - F17724332000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F177243322 VISHAY-F177243322 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772433226 VISHAY-F1772433226 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
More results

Similar Description - F17724332000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
Revision: 13-Dec-13
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
   THB Grade IIB Class X2 Interference Suppression Film Capacitor
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
   THB Grade IIIB Class X2 Interference Suppression Film Capacitor
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com