Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F17724332260 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # F17724332260
Description  Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F17724332260 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button F17724332260 Datasheet HTML 2Page - Vishay Siliconix F17724332260 Datasheet HTML 3Page - Vishay Siliconix F17724332260 Datasheet HTML 4Page - Vishay Siliconix F17724332260 Datasheet HTML 5Page - Vishay Siliconix F17724332260 Datasheet HTML 6Page - Vishay Siliconix F17724332260 Datasheet HTML 7Page - Vishay Siliconix F17724332260 Datasheet HTML 8Page - Vishay Siliconix F17724332260 Datasheet HTML 9Page - Vishay Siliconix F17724332260 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
F1772 X2
www.vishay.com
Vishay Roederstein
Revision: 15-Apr-14
6
Document Number: 28161
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHARACTERISTICS
Capacitance as a function of ambient temperature
(typical curve)
Impedance as a function of frequency
(typical curve)
Tangent of loss angle as a function of frequency
(typical curve)
Resonant frequency as a function of capacitance
(typical curve)
Max. RMS voltage as a function of frequency
Max. RMS current as a function of frequency
- 60
- 20
20
2
- 2
- 4
- 6
0
60
100
T
amb (°C)
4
6
min.
max.
1 kHz
typical
10
1
0.01
0.05
1.0
5.0 10
50 100
10
0
10
-1
10
-2
10
-3
0.1
0.5
f (MHz)
10
1
10
2
10
3
f (Hz)
10
2
10
3
10
4
10
5
3
2
1
C
≤ 0.33 µF (curve 1)
0.33 µF < C
≤ 1.2 µF (curve 2)
1.2 µF < C
≤ 2.2 µF (curve 3)
10
1
10
2
10
3
10
4
C (nF)
10
-1
10
0
10
1
10
2
X2
T
amb ≤ 110 °C
10
3
10
2
10
1
f (Hz)
10
1
10
2
10
3
10
4
10
5
f (Hz)
T
amb ≤ 110 °C
2200 nF
10
1
10
2
10
3
10
4
10
5
10
-1
10
0
10
1
10
2
10
3
10
4
1000 nF
470 nF
100 nF
47 nF
10 nF


Similar Part No. - F17724332260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772433226 VISHAY-F1772433226 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
More results

Similar Description - F17724332260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
Revision: 13-Dec-13
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
   THB Grade IIB Class X2 Interference Suppression Film Capacitor
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
   THB Grade IIIB Class X2 Interference Suppression Film Capacitor
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com