Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T00006 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # T00006
Description  UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

T00006 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  T00006 Datasheet HTML 1Page - Solid States Devices, Inc T00006 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
7.50-100 Volt Unidirectional
Smaller than 704-15K35 and 704-15K36T types
Hermetically Sealed
Meets all environmental requirements of MIL-PRF-19500
Custom Configurations Available
TX and TXV Screening Available
APPLICATIONS:
Protection of Voltage Sensitive Components
Protection Against Power Interruption
Lightning Protection
STA15K7.5P thru
STA15K100P
15,000 WATTS
PEAK PULSE POWER
7.5 – 100 VOLTS
UNIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSOR
Maximum Ratings
Stand Off Voltage
VRWM
5.6-75
Volts
Steady State Power Dissipation
PD
100
Watts
Peak Pulse Power @ 1.0 msec
PPP
15,000
Watts
Peak Pulse Power and Steady
State Power Derating
SEE GRAPH
Peak Pulse Power and Pulse
Width
SEE GRAPH
Operating and Storage
Temperature
-65°C to +175°C
Note:
SSDI Transient Suppressors offer standard Breakdown Voltage Tolerances
of + 10% (A) and + 5% (B). For other Voltage and Voltage Tolerances,
contact SSDI's Marketing Department
PEAK PULSE POWER VS. TEMPERATURE DERATING CURVE
AMBIENT TEMPERATURE (
°C)
Package shown is standard configuration. SSDI can custom
design your module with terminals that meet your unique
design criteria. Additionally, SSDI can package these
devices with an irregular footprint or offset mounting
positions. This data sheet is meant to serve as an example of
SSDI's Transient Protection Module Capabilities. For
custom configurations, please contact SSDI's Marketing
Department.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00006C
DOC


Similar Part No. - T00006

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
T00006 SSDI-T00006_15 Datasheet
80Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - T00006

ManufacturerPart #DatasheetDescription
logo
Sensitron
704-15K36T SENSITRON-704-15K36T_09 Datasheet
161Kb / 7P
   Transient Voltage Suppressor, Unidirectional
PHP8.4 SENSITRON-PHP8.4 Datasheet
52Kb / 3P
   Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
STD5KA5.0 SSDI-STD5KA5.0 Datasheet
196Kb / 3P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B_15 Datasheet
196Kb / 3P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006_15 Datasheet
80Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
704-15K36 SENSITRON-704-15K36 Datasheet
170Kb / 7P
   Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
STA3KA13.6JE SSDI-STA3KA13.6JE_1 Datasheet
74Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004_15 Datasheet
50Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004 Datasheet
50Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B Datasheet
196Kb / 3P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com