Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-159RUY Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HT-159RUY
Description  Reverse Mountable 1206 (3216) with Dome Lens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-159RUY Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HT-159RUY Datasheet HTML 1Page - List of Unclassifed Manufacturers HT-159RUY Datasheet HTML 2Page - List of Unclassifed Manufacturers HT-159RUY Datasheet HTML 3Page - List of Unclassifed Manufacturers HT-159RUY Datasheet HTML 4Page - List of Unclassifed Manufacturers HT-159RUY Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-159RUY Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-159RUY Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-159RUY Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-159RUY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Reverse Mountable 1206 (3216) with Dome Lens
HT-159R Series
Official Product
Product: HT-159R Series
Data Sheet No.
Tentative Product
****************
HT-159R Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Nov. 14, 2007
Version of 1.2
Page
4/26
Product Specifications
Product
Emission Color Technology
Test Current
IF (mA)
Luminous Intensity
IV (mcd)
Forward
Voltage
VF (V)
Orderable
Part Number
HT-159RYG
Yellow Green
GaP
20
100 typ
2.2 typ
HT-159RYG-ZZZZ
HT-159RY
Yellow
GaAsP
20
100 typ
2.1 typ
HT-159RY-ZZZZ
HT-159RD
Orange
GaAsP
20
100 typ
2.1 typ
HT-159RD-ZZZZ
HT-159RSD
Red
GaAsP
20
100 typ
2.1 typ
HT-159RSD-ZZZZ
HT-159RUR
Bright Red
AlGaAs
20
100 typ
1.8 typ
HT-159RUR-ZZZZ
HT-159RUYG
Ultra Bright
Yellow Green
AlInGaP
20
600 typ
2.0 typ
HT-159RUYG-ZZZZ
HT-159RUY
Ultra Bright
Yellow
AlInGaP
20
500 typ
1.9 typ
HT-159RUY-ZZZZ
HT-159RUD
Ultra Bright
Orange
AlInGaP
20
700 typ
1.9 typ
HT-159RUD-ZZZZ
HT-159RUSD
Ultra Bright
Red
AlInGaP
20
900 typ
1.9 typ
HT-159RUSD-ZZZZ
HT-159RURO Ultra Deep Red AlInGaP
20
1000 typ
1.9 typ HT-159RURO-ZZZZ
HT-159RNB
Blue
InGaN
20
850 typ
3.3 typ
HT-159RNB-ZZZZ
HT-159RNG
True Green
InGaN
20
2000 typ
3.3 typ
HT-159RNG-ZZZZ
HT-159RTW
White
InGaN
20
2500 typ
3.3 typ
HT-159RTW-ZZZZ


Similar Part No. - HT-159RUY

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
HT-150 ELITE-HT-150 Datasheet
306Kb / 2P
   Visible LED
HT-150CB ELITE-HT-150CB Datasheet
306Kb / 2P
   Visible LED
HT-150CBS ELITE-HT-150CBS Datasheet
306Kb / 2P
   Visible LED
HT-150CG ELITE-HT-150CG Datasheet
306Kb / 2P
   Visible LED
HT-150CW ELITE-HT-150CW Datasheet
306Kb / 2P
   Visible LED
More results

Similar Description - HT-159RUY

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1591 HARVATEK-B1591 Datasheet
758Kb / 14P
   Reverse Mountable with Dome LED
07/24/2017 Version 1.2
logo
List of Unclassifed Man...
APTD3216 ETC-APTD3216 Datasheet
213Kb / 1P
   DOME LENS SMD CHIP LED 3216
logo
STANLEY ELECTRIC CO.,LT...
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
logo
Panasonic Semiconductor
LNJ216C8ARA PANASONIC-LNJ216C8ARA Datasheet
30Kb / 1P
   3216 with Micro - lens
logo
List of Unclassifed Man...
QBLP653B-IR1 ETC1-QBLP653B-IR1 Datasheet
657Kb / 9P
   IR LED with Dome Lens
QBLP653-IR1 ETC1-QBLP653-IR1 Datasheet
657Kb / 9P
   IR LED with Dome Lens
QBLP653-IR3 ETC1-QBLP653-IR3 Datasheet
654Kb / 9P
   IR LED with Dome Lens
logo
Panasonic Semiconductor
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
   Dome-Lens Type
logo
P-tec Corporation
PL011-CDB20Z P-TEC-PL011-CDB20Z_14 Datasheet
77Kb / 1P
   1.8mm Round Dome Lens with Flange
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com