Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T00023D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # T00023D
Description  Transient Voltage Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

T00023D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  T00023D Datasheet HTML 1Page - Solid States Devices, Inc T00023D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
• Hermetically Sealed in Glass
• High Peak Transient Power 500 W
• Can Be Used as a 5 W Zener
• Available in Axial, Surface Mount, and Ministud
Configurations
TX, TXV, and Space Level Screening Available2/
• Higher Voltages Available
Part Number / Ordering Information 1/
ST500
A 9.6 SMS TX
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S= S Level
└ Package: 3/
= Axial
SMS = Square Tab
V = Isolated Ministud
C = Ministud
└ Voltage:
9.6 = 9.6V
└ Tolerance A =
± 10%
B =
± 5 %
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
Symbol
Value Units
Peak pulse power dissipation with
a 10/1000 μs waveform
PPPM
500
W
Steady State Power Dissipation
Axial Lead : TL=25ºC, L=3/8"
SMS & Ministud: TC or TE = 75 ºC
PD
5.0
W
Operating and Storage Temp.
Top & Tstg
-65 to
+175
ºC
Maximum Forward Voltage Drop
IF = 1.0 Apk, TA = 25 ºC, pulsed
VF
1.2
V
Thermal Resistance,
Junction to Lead L=3/8”
ΡθJL
25
ºC/W
Thermal Resistance,
Junction to End Cap
Junction to Case
RθJE
RθJC
8
ºC/W
ST500A7.5
thru
ST500A270
500 W Transient Voltage
Suppressor
7.5 – 510 VOLTS
Axial
DIM
MIN
MAX
A
––
0.158”
B
––
0.185”
C
0.047”
0.053”
D
1. ”
0
––
SMS
DIM
MIN
MAX
A
0.155"
0.160”
B
0.200”
0.225”
C
0.018”
0.027”
D
0.0 1”
0
––
Isolated Ministud
Ministud
DATA SHEET #: T00023D
DOC


Similar Part No. - T00023D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
T00023D SSDI-T00023D_15 Datasheet
147Kb / 2P
   Transient Voltage Suppressor
More results

Similar Description - T00023D

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com