Selected language     English  ā–¼


J-A4R-300M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. J-A4R-300M
Description  RELAY - NONLATCH 2 PDT, 12 AMPS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
NOTES
SERIES J
[1] Standard Intermediate current test applicable.
[2] 60 Hz load life, 10,000 cycles.
[3] Inductive load life, 20,000 cycles.
[4] "N" R & V coils have back EMF suppression to 42 volts maximum.
[5] 500 Vrms with silicone gasket compressed, 350 Vrms all other conditions.
[6] Applicable to suppressed coils only.
7. Applicable military specification: MIL-PRF-83536.
8. Special models available: Dry circuit, established reliability testing, etc.
9. Time current relay characteristics per MIL-PRF-83536.
10. Relay will not operate, but will not be damaged by application of reverse polarity to coil.
NUMBERING SYSTEM
J -
A
1
A
Basic series designation__________________________|
|
|
|
1-Mounting Style (A,D,G,J)______________________________|
|
|
2-Terminal Types (1,2,4)____________________________________|
|
3-Coil Voltage see coil characteristics (A,B,C,M,N,R or V)______|
MOUNTING STYLES
Date of issue: 07/10
- 123 -
Page 3 of 4
MOUNTING STYLE A
.51
1.01
1.00
MOUNTING STYLE D
1.718 MAX
1.44
1.39
1.01
.37
.51
.04
.15
.15
FULL R
4 PLACES
1.00
1.015
MOUNTING STYLE G
2 STUDS
.047
6-32 UNC-2A
.515
.312
.375
1.000
.625
.195
1.396
1.446
1.015
1.718 MAX
MOUNTING STYLE J
.040
.500
1.000
.515
4 PLACES
FULL R
.150
.375
RUBBER GASKET
.097
.005 THK SILICONE
MOUNTING STYLE W
NOT AVAILABLE FROM LEACH.
-
+
1.025 MAX
FOR USE WITH TRACK MOUNT
SYSTEM. NOTE: TRACK SYSTEM
1.015
.515
.089
.005
-
+




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl