Selected language     English  ▼


J-A4R-300M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. J-A4R-300M
Description  RELAY - NONLATCH 2 PDT, 12 AMPS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 7 page
background image
ENGINEERING DATA SHEET
SO-SSL
SOCKET FOR 2 OR 4 POLE
10 AMP
2 POLE
4
POLE
SNAP AND LOCK SOCKET SERIES DESIGNATION
FOR:
SERIES J, JA, K, KA, KL, TDX
MEETS THE REQUIREMENTS OF:
2-pole, 10A relays MIL-PRF-12883/41
Mates with
M83536, M83726 and MS27709
4-pole, 10A relays MIL-PRF-12883/40
Mates with
M83536
FEATURES
Low profile
Bottom panel mount
Snaps into panel
Other models available
MATERIALS
Socket body
Polyetherimide per MIL-P-46184
Grommet
Silicone rubber per ZZ-R-765
Hardware
Stainless Steel
Contacts
Copper alloy, hard gold plated
per MIL-G-45204
Contact retainers Beryllium copper
GENERAL CHARACTERISTICS
Insulation resistance
1000 M
min.
Dielectric withstanding voltage
1500 VRMS sea level; 500 VRMS at 80,000 ft
Weight
15.3g max.
Temperature range
-65°C to +125°C
Vibration
MIL-STD-202, Method 204, Test Condition G
Shock
MIL-STD-202, Method 213, Test Condition C
This socket is designed to snap and lock into a panel to reduce hardware requirement and mounting time.
Contacts and hardware are provided disassembled in a plastic bag. Standard tolerances are .xx=±.01; .xxx=
±.005 unless otherwise noted.
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 3/06
- 35 -
Page 1 of 4




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl