Selected language     English  â–¼


J-A4R-300M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. J-A4R-300M
Description  RELAY - NONLATCH 2 PDT, 12 AMPS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
ENGINEERING DATA SHEET
SERIES J
RELAY - NONLATCH
2 PDT, 12 AMPS
APPLICATION NOTES:
023
APPLICABLE SOCKET:
SO-1049-8309/8987
SO-SSL
All welded construction
Contact arrangement
2 PDT
Qualified at 10 Amps to
MIL-PRF-83536
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
28 Vdc; 115 Vac, 400 Hz, 1
phase and 115/200 Vac, 400
Hz, 3 phases
Weight
0.088lb max
Dimensions of case
1.01in x .51in x 1.00in
Special models available upon request.
Hermetically sealed, corrosion resistant metal can.
Contact factory for information on MIL-qualified part numbers.
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating
per pole and load
type [1]
Load current in Amps
@28 Vdc
@115 Vac
400 Hz
@115/200 Vac, 400 Hz, 3Ă˜
@115/200 Vac, 60 Hz, 3Ă˜
[2]
Resistive
Inductive [3]
Motor
Lamp
Overload
Rupture
12
8
4
2
40
50
12
8
4
2
60
80
12
8
4
2
60
80
2.5
2.5
2
-
N/A
N/A
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
.
.
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
.
.
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 07/10
- 121 -
Page 1 of 4




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl