Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN1N6461 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN1N6461
Description  Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN1N6461 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN1N6461 Datasheet HTML 1Page - Microsemi Corporation JAN1N6461 Datasheet HTML 2Page - Microsemi Corporation JAN1N6461 Datasheet HTML 3Page - Microsemi Corporation JAN1N6461 Datasheet HTML 4Page - Microsemi Corporation JAN1N6461 Datasheet HTML 5Page - Microsemi Corporation JAN1N6461 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-0286-1, Rev. 1 (4/22/13)
©2013 Microsemi Corporation
Page 2 of 6
1N6461US – 1N6468US
MECHANICAL and PACKAGING
CASE: Hermetically sealed voidless hard glass with tungsten slugs.
TERMINALS: Axial-leads are tin/lead over copper. RoHS compliant matte-tin is available for commercial grade only.
MARKING: Body paint and part number.
POLARITY: Cathode band.
TAPE & REEL option: Standard per EIA-296. Contact factory for quantities.
WEIGHT: Approximately 750 milligrams.
See Package Dimensions on last page.
PART NOMENCLATURE
JAN
1N6461
US
e3
Reliability Level
JAN = JAN Level
JANTX = JANTX Level
JANTXV = JANTXV Level
CDS (reference JANS)
Blank = commercial
JEDEC type number
See Electrical Characteristics
table
RoHS Compliance
e3 = RoHS compliant (available
on commercial grade only)
Blank = non-RoHS compliant
MELF Package
SYMBOLS & DEFINITIONS
Symbol
Definition
α
V(BR)
Temperature Coefficient of Breakdown Voltage: The change in breakdown voltage divided by the change in
temperature expressed in %/°C or mV/°C.
V(BR)
Breakdown Voltage: The voltage across the device at a specified current I(BR) in the breakdown region.
VWM
Rated working standoff voltage: The maximum-rated value of dc or repetitive peak positive cathode-to-anode voltage
that may be continuously applied over the standard operating temperature.
ID
Standby Current: The current through the device at rated stand-off voltage.
IPP
Peak Impulse Current: The maximum rated random recurring peak impulse current or nonrepetitive peak impulse
current that may be applied to a device. A random recurring or nonrepetitive transient current is usually due to an
external cause, and it is assumed that its effect will have completely disappeared before the next transient arrives.
VC
Clamping Voltage: The voltage across the device in a region of low differential resistance during the application of an
impulse current (IPP) for a specified waveform.
PPP
Peak Pulse Power. The rated random recurring peak impulse power or rated nonrepetitive peak impulse power. The
impulse power is the maximum-rated value of the product of IPP and VC.


Similar Part No. - JAN1N6461

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N6461USE3 MICROSEMI-JAN1N6461USE3 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
More results

Similar Description - JAN1N6461

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N6461US MICROSEMI-1N6461US Datasheet
310Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
JANTX1N6467US MICROSEMI-JANTX1N6467US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JANTX1N6464 MICROSEMI-JANTX1N6464 Datasheet
529Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N3611 MICROSEMI-1N3611_11 Datasheet
238Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED
1N8149 MICROSEMI-1N8149 Datasheet
420Kb / 6P
   Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors
Rev x
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com