Selected language     English  ▼


J-J7N-300L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. J-J7N-300L
Description  RELAY - NONLATCH 2 PDT, 12 AMPS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 2 page
background image
COIL CHARACTERISTICS (Vdc)
SERIES J
CODE
A
B
C
M
N [4]
R [4]
V [4]
Nominal operating voltage
28
12
6
48
28
12
6
Maximum operating voltage
29
14.5
7.3
50
29
14.5
7.3
Maximum pickup voltage
- Cold coil at +125° C
18
9
4.5
36
18
9
4.5
- During high temp test at +125° C
19.8
9.9
5
38
19.8
9.9
5
- During continuous current test at +125° C
22.5
11.25
5.7
42
22.5
11.25
5.7
Maximum drop-out voltage
7
4.5
2.5
14
7
4.5
2.5
Coil resistance
Ω ±10% at +25° C, except types
"C" and "V" +20%, -10%
320
80
20
1000
320
80
20
GENERAL CHARACTERISTICS
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load
100,000
Minimum operating cycles (life) at 25% rated load
400,000
Dielectric Strength at sea level - All circuits to ground and circuit to circuit
1250 Vrms
Dielectric Strength at sea level - Coil to ground
1000 Vrms
Dielectric Strength at altitude 80,000 ft
500 Vrms [5]
Insulation resistance - Initial (500 Vdc)
100 M
Ω min
Insulation resistance - After environmental tests (500 Vdc)
50 M
Ω min
Sinusoidal vibrations (A, D and J mounting)
0.12DA / 10 to 70 Hz
30 g / 70 to 3000 Hz
Sinusoidal vibrations (G mounting)
0.12DA / 10 to 57 Hz
20g /57 to 3000 Hz
Random vibrations
- Applicable specification
MIL-STD-202
- Method
214
- Test condition - A, D and J Mounting
1G (0.4g2/Hz, 50 to 2000 Hz)
- Test condition - G Mounting (E in Track)
1E (0.2g2/Hz, 50 to 2000 Hz)
- Duration
15 minutes each plane
Shocks (A, D and J mounting)
200 g / 6 ms
Shocks (G mounting)
100 g / 6 ms
Maximum contact opening time under vibrations and shocks
10 µs
Operate time at nominal voltage@25°C
10 ms max
Release time at nominal voltage@25°C
10 ms max
Contact make bounce at nominal voltage@25°C
1 ms max
Contact release break bounce at nominal voltage@25°C
0.1 ms max [6]
Weight maximum
0.088lb
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
Date of issue: 07/10
- 122 -
Page 2 of 4




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl