Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5809 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N5809
Description  VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5809 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N5809 Datasheet HTML 1Page - Microsemi Corporation 1N5809 Datasheet HTML 2Page - Microsemi Corporation 1N5809 Datasheet HTML 3Page - Microsemi Corporation 1N5809 Datasheet HTML 4Page - Microsemi Corporation 1N5809 Datasheet HTML 5Page - Microsemi Corporation 1N5809 Datasheet HTML 6Page - Microsemi Corporation 1N5809 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Bussiness Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0168 Rev. 2 (111089)
Page 3 of 7
ELECTRICAL CHARACTERISTICS @ TA = 25°C
TYPE
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
(MIN.)
@ 100
A
VBR
AVERAGE
RECTIFIED
CURRENT
IO1
@TL=75ºC
(Note 1)
AVERAGE
RECTIFIED
CURRENT
IO2
@TA=-65ºC
Note 2
MAXIMUM
FORWARD
VOLTAGE
@ 4A
(8.3 ms pulse)
VF
REVERSE
CURRENT
(MAX)
@ VRWM
IR
SURGE
CURRENT
(MAX)
IFSM
(NOTE 3)
REVERSE
RECOVERY
TIME (MAX)
(NOTE 4)
trr
VOLTS
VOLTS
AMPS
VOLTS
A
AMPS
ns
25
oC
125
oC 25oC 125oC
1N5807, US, URS
50
60
6.0
3.0
0.875
0.800
5
525
125
30
1N5809, US, URS
100
110
6.0
3.0
0.875
0.800
5
525
125
30
1N5811, US, URS
150
160
6.0
3.0
0.875
0.800
5
525
125
30
NOTE 1: Leaded: Rated at TL = 75ºC at 3/8 inch lead length. Derate at 60 mA/ºC for TL above 75ºC.
Surface mount: Rated at TEC = 75°C. Derate at 60 mA/ºC for TEC above 75ºC.
NOTE 2: Derate linearly at 25 mA/ºC above TA = 55ºC. This rating is typical for PC boards where thermal resistance
from mounting point to ambient is sufficiently controlled where TJ(max) does not exceed 175ºC
NOTE 3: TA = 25
oC @ I
O = 3.0 A and VRWM for ten 8.3 ms surges at 1 minute intervals
NOTE 4: IF = 1.0 A, IRM = 1.0 A, IR(REC) = 0.10 A and di/dt = 100 A/µs min
SYMBOLS & DEFINITIONS
Symbol
Definition
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating
temperature range.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified
current.
IR
Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and
temperature.
C
Capacitance: The capacitance in pF at a frequency of 1 MHz and specified voltage
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when
changing from the forward direction to the reverse direction and a specified recovery decay point after a
peak reverse current is reached.


Similar Part No. - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
59Kb / 2P
   ULTRA FAST RECTIFIERS
logo
M/A-COM Technology Solu...
1N5809 MA-COM-1N5809 Datasheet
626Kb / 4P
   Popular JEDEC Registered Series
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5809 SENSITRON-1N5809 Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5809 SEMTECH-1N5809 Datasheet
200Kb / 3P
   RECTIFIER, up to 150V, 6A, 30ns
More results

Similar Description - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5807 MICROSEMI-1N5807_10 Datasheet
132Kb / 7P
   VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5802 MICROSEMI-1N5802_07 Datasheet
151Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5807CB MICROSEMI-1N5807CB Datasheet
215Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com