Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5809 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5809
Description  VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5809 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5809 Datasheet HTML 1Page - Microsemi Corporation 1N5809 Datasheet HTML 2Page - Microsemi Corporation 1N5809 Datasheet HTML 3Page - Microsemi Corporation 1N5809 Datasheet HTML 4Page - Microsemi Corporation 1N5809 Datasheet HTML 5Page - Microsemi Corporation 1N5809 Datasheet HTML 6Page - Microsemi Corporation 1N5809 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
VOIDLESS - HERMETICALLY- SEALED
ULTRAFAST RECOVERY GLASS RECTIFIERS
Qualified per MIL-PRF-19500/477
T4-LDS-0168 Rev. 2 (111089)
Page 1 of 7
DEVICES
LEVELS
Leaded
1N5807
1N5809
1N5811
JAN
Surface Mount
1N5807US
1N5809US
1N5811US
JANTX
1N5807URS
1N5809URS
1N5811URS
JANTXV
JANS
DESCRIPTION
B-Body
Leaded Package
B-Body
Surface Mount
MELF PACKAGE
This “Ultrafast Recovery” rectifier diode series is military qualified to MIL-PRF-19500/477 and
is ideal for high-reliability applications where a failure cannot be tolerated. These industry-
recognized 6.0 Amp rated rectifiers for working peak reverse voltages from 50 to 150 volts are
hermetically sealed with voidless-glass construction using an internal “Category I” metallurgical
bond. These devices are available in both leaded and surface mount MELF package
configurations. Microsemi also offers numerous other rectifier products to meet higher and
lower current ratings with various recovery time speed requirements including standard, fast and
ultrafast device types in both through-hole and surface mount packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
 Popular JEDEC registered 1N5807, 1N5809, 1N5811
 Voidless hermetically sealed glass package
 Extremely robust construction
 Internal “Category I” Metallurgical bonds
 JAN, JANTX, JANTXV, and JANS available per MIL-PRF-19500/477
 Surface mount versions available in a square end-cap MELF configuration with “US”
suffix


Similar Part No. - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
59Kb / 2P
   ULTRA FAST RECTIFIERS
logo
M/A-COM Technology Solu...
1N5809 MA-COM-1N5809 Datasheet
626Kb / 4P
   Popular JEDEC Registered Series
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5809 SENSITRON-1N5809 Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5809 SEMTECH-1N5809 Datasheet
200Kb / 3P
   RECTIFIER, up to 150V, 6A, 30ns
More results

Similar Description - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5807 MICROSEMI-1N5807_10 Datasheet
132Kb / 7P
   VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5802 MICROSEMI-1N5802_07 Datasheet
151Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5807CB MICROSEMI-1N5807CB Datasheet
215Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com