Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5287 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 1N5287
Description  CURRENT REGULATOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5287 Datasheet(HTML) 6 Page - Microsemi Corporation

  1N5287 Datasheet HTML 1Page - Microsemi Corporation 1N5287 Datasheet HTML 2Page - Microsemi Corporation 1N5287 Datasheet HTML 3Page - Microsemi Corporation 1N5287 Datasheet HTML 4Page - Microsemi Corporation 1N5287 Datasheet HTML 5Page - Microsemi Corporation 1N5287 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0159, Rev. 2 (111541)
©2011 Microsemi Corporation
Page 6 of 6
1N5283-1 thru 1N5314-1
PACKAGE DIMENSIONS
Symbol
Dimensions
Inch
Millimeters
Min
Max
Min
Max
BD
.060
.107
1.52
2.72
BL
.120
.300
3.05
7.62
LD
.018
.023
0.46
0.58
LL
1.000
1.500
25.40
38.10
LL1
0.050
1.27
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. The minimum body diameter shall be maintained over .15 inch (3.81 mm) inch of body length.
4. The specified lead diameter applies in the zone between .050 inch (1.27 mm) and the end of the lead.
Outside of this zone the lead diameter shall not exceed LD.
5. Both leads shall be within the specified dimension.
6. See 3.3 for L and TL definitions.
7. In accordance with ASME Y14.5M, diameters are equivalent to
Φx symbology.


Similar Part No. - 1N5287

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5287 MOTOROLA-1N5287 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5287 CDI-DIODE-1N5287 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5287 KNOX-1N5287 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5287 MICROSEMI-1N5287 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5287 MICROSEMI-1N5287 Datasheet
34Kb / 1P
   CURRENT REGULATOR DIODES
More results

Similar Description - 1N5287

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com