Electronic Components Datasheet Search |
|
SNAP-RETN4 Datasheet(PDF) 2 Page - Opto Electronics Co,. LTD |
|
SNAP-RETN4 Datasheet(HTML) 2 Page - Opto Electronics Co,. LTD |
2 / 4 page SNAP Digital Input Modules . PAGE 3 Specifications: DC Input Modules See page 7 for SNAP-IDC5-SW and SNAP-IDC5-SW-NC specifications and wiring. SNAP-IDC5 SNAP-IDC5D SNAP-IDC5G SNAP-IDC5-HT Key Feature -- -- -- Leakage-tolerant Field Side Ratings (each channel) Nominal Input Voltage 24 VAC/VDC 5 VDC 48 VAC/VDC 24 VAC/VDC Channel-to-channel isola- tion 300 VAC (1,500 V transient) 300 VAC (1,500 V transient) 300 VAC (1,500 V transient) 300 VAC (1,500 V transient) Input Voltage Range 10–32 VAC/VDC 2.5–28 VDC 35–75 VAC/VDC 15–32 VAC/VDC Turn-on Voltage 10 VAC/VDC 2.5 VDC 35 VAC/VDC 15 VAC/VDC Turn-off Voltage 3 VAC/VDC 1 VDC 7 VAC/VDC 8 VAC/VDC Input Resistance 15 K ohms (nominal) 3 K ohms (nominal) 64 K ohms (nominal) 3 K ohms (nominal) Logic Side Ratings Logic Output Voltage <.5 V max. (on) @ 2 mA sinking 2.7 V min. (off) @ 0.4 mA sourcing <.5 V max. (on) @ 2 mA sinking 2.7 V min. (off) @ 0.4 mA sourcing <.5 V max. (on) @ 2 mA sinking 2.7 V min. (off) @ 0.4 mA sourcing <.5 V max. (on) @ 2 mA sinking 2.7 V min. (off) @ 0.4 mA sourcing Logic Supply Voltage*** 5 VDC ± 0.25 VDC 5 VDC ± 0.25 VDC 5 VDC ± 0.25 VDC 5 VDC ± 0.25 VDC Logic Supply Current 50 mA maximum 50 mA maximum 50 mA maximum 50 mA maximum Negative True Logic Out- put Drive TTL 74 Series = 1 UL TTL 74LS Series = 5 UL TTL 74 Series = 1 UL TTL 74LS Series = 5 UL TTL 74 Series = 1 UL TTL 74LS Series = 5 UL TTL 74 Series = 1 UL TTL 74LS Series = 5 UL Module Ratings Number of Channels Per Module 4 444 Turn-on Time 5 msec 1 msec 5 msec 20 msec Turn-off Time 15 msec 1 msec 15 msec 25 msec Optical Isolation (Field Side to Logic Side) 4,000 volts (transient) 4,000 volts (transient) 4,000 volts (transient) 4,000 volts (transient) Temperature 0 °C to 70 °C, operating -30 °C to 85 °C, storage 0 °C to 70 °C, operating -30 °C to 85 °C, storage 0 °C to 70 °C, operating -30 °C to 85 °C, storage 0 °C to 70 °C, operating -30 °C to 85 °C, storage * At 20kHz, 5Vp-p square wave input, 50% duty cycle. ** At 20kHz, 28Vp-p square wave input, 50% duty cycle. *** When used with an I/O processor (brain or on-the-rack controller), the processor requires 5.0 to 5.2 VDC. |
Similar Part No. - SNAP-RETN4 |
|
Similar Description - SNAP-RETN4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |