Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9553601VPA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 5962F9553601VPA
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962F9553601VPA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962F9553601VPA Datasheet HTML 2Page - Texas Instruments 5962F9553601VPA Datasheet HTML 3Page - Texas Instruments 5962F9553601VPA Datasheet HTML 4Page - Texas Instruments 5962F9553601VPA Datasheet HTML 5Page - Texas Instruments 5962F9553601VPA Datasheet HTML 6Page - Texas Instruments 5962F9553601VPA Datasheet HTML 7Page - Texas Instruments 5962F9553601VPA Datasheet HTML 8Page - Texas Instruments 5962F9553601VPA Datasheet HTML 9Page - Texas Instruments 5962F9553601VPA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM7171QML, LM7171QML-SP
SNOSAR5C – FEBRUARY 2009 – REVISED APRIL 2013
www.ti.com
LM7171 (±15) Electrical Characteristics AC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
AC:
TJ = 25°C, V
+ = +15V, V= −15V, V
CM = 0V, and RL > 1MΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
SR
Slew Rate
AV = 2, VI = ±2.5V
See(3)(4)
2000
V/µS
4
3nS Rise & Fall time
GBW
Unity-Gain Bandwidth
See(5)
170
MHz
4
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, per Test Method
1019, Condition A.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. Low dose rate testing has been peformed on a wafer-by-wafer basis, per Test Method 1019, Condition D of MIL-
STD-883, with no enhanced low dose rate sensitivity (ELDRS).
(3)
See AN00001 for SR test circuit.
(4)
Slew Rate measured between ±4V.
(5)
See AN00002 for GBW test circuit.
LM7171 (±15) Electrical Characteristics DC Drift Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
DC:
TJ = 25°C, V
+ = +15V, V= −15V, V
CM = 0V, and RL > 1MΩ
Delta calculations performed on QMLV devices at group B , subgroup 5.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
-250
250
µV
1
+IBias
Input Bias Current
-500
500
nA
1
-IBias
Input Bias Current
-500
500
nA
1
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, per Test Method
1019, Condition A.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. Low dose rate testing has been peformed on a wafer-by-wafer basis, per Test Method 1019, Condition D of MIL-
STD-883, with no enhanced low dose rate sensitivity (ELDRS).
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM7171QML LM7171QML-SP


Similar Part No. - 5962F9553601VPA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962F9553601VPA NSC-5962F9553601VPA Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
5962F9553601VPA TI1-5962F9553601VPA Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
5962F9553601VPA TI-5962F9553601VPA Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
5962F9553601VPA TI-5962F9553601VPA Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
More results

Similar Description - 5962F9553601VPA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI-LM7171QML_V02 Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com