Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7171AMJ-QML Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM7171AMJ-QML
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171AMJ-QML Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM7171AMJ-QML Datasheet HTML 3Page - Texas Instruments LM7171AMJ-QML Datasheet HTML 4Page - Texas Instruments LM7171AMJ-QML Datasheet HTML 5Page - Texas Instruments LM7171AMJ-QML Datasheet HTML 6Page - Texas Instruments LM7171AMJ-QML Datasheet HTML 7Page - Texas Instruments LM7171AMJ-QML Datasheet HTML 8Page - Texas Instruments LM7171AMJ-QML Datasheet HTML 9Page - Texas Instruments LM7171AMJ-QML Datasheet HTML 10Page - Texas Instruments LM7171AMJ-QML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM7171QML, LM7171QML-SP
www.ti.com
SNOSAR5C – FEBRUARY 2009 – REVISED APRIL 2013
LM7171 (±5) Electrical Characteristics DC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
DC:
TJ = 25°C, V
+ = +5V, V= −5V, V
CM = 0V, and RL > 1MΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
−1.5
1.5
mV
1
−7.0
7.0
mV
2, 3
+IIB
Input Bias Current
10
µA
1
12
µA
2, 3
-IIB
Input Bias Current
10
µA
1
12
µA
2, 3
IIO
Input Offset Current
−4.0
4.0
µA
1
−6.0
6.0
µA
2, 3
CMRR
Common Mode Rejection Ratio
VCM = ±2.5V
80
dB
1
70
dB
2, 3
AV
Large Signal Voltage Gain
RL = 1KΩ, VO = ±1V
See(3)
75
dB
1
See(3)
70
dB
2, 3
RL = 100Ω, VO = ±1V
See(3)
72
dB
1
See(3)
67
dB
2, 3
VO
Output Swing
RL = 1KΩ
3.2
-3.2
V
1
3.0
-3.0
V
2, 3
RL = 100Ω
2.9
-2.9
V
1
2.8
-2.75
V
2, 3
Output Current (Open Loop)
Sourcing
See(4)
29
mA
1
RL = 100Ω
See(4)
28
mA
2, 3
Sinking
See(4)
-29
mA
1
RL = 100Ω
See(4)
-27.5
mA
2, 3
IS
Supply Current
8.0
mA
1
9.0
mA
2, 3
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, per Test Method
1019, Condition A.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. Low dose rate testing has been peformed on a wafer-by-wafer basis, per Test Method 1019, Condition D of MIL-
STD-883, with no enhanced low dose rate sensitivity (ELDRS).
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = ±5V, VOUT = ±1V.
(4)
The open loop output current is specified, by the measurement of the open loop output voltage swing, using 100
Ω output load.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM7171QML LM7171QML-SP


Similar Part No. - LM7171AMJ-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171AMJ-QML NSC-LM7171AMJ-QML Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AMJ-QML NSC-LM7171AMJ-QML Datasheet
812Kb / 24P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AMJ-QML TI1-LM7171AMJ-QML Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AMJ-QML TI-LM7171AMJ-QML Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
LM7171AMJ-QML TI-LM7171AMJ-QML Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
More results

Similar Description - LM7171AMJ-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI-LM7171QML_V02 Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com