Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2544CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544CDR
Description  Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2544CDR Datasheet(HTML) 2 Page - Texas Instruments

  TLV2544CDR Datasheet HTML 1Page - Texas Instruments TLV2544CDR Datasheet HTML 2Page - Texas Instruments TLV2544CDR Datasheet HTML 3Page - Texas Instruments TLV2544CDR Datasheet HTML 4Page - Texas Instruments TLV2544CDR Datasheet HTML 5Page - Texas Instruments TLV2544CDR Datasheet HTML 6Page - Texas Instruments TLV2544CDR Datasheet HTML 7Page - Texas Instruments TLV2544CDR Datasheet HTML 8Page - Texas Instruments TLV2544CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Command
Decode
SDI
CS
FS
EOC/(INT)
Low Power
12-BIT
SAR ADC
Control Logic
CSTART
PWDN
VCC
GND
REFP
4/2 V
Reference
S/H
OSC
Conversion
Clock
M
U
X
FIFO
12 Bit
× 8
CFR
SCLK
SDO
2548
A0
A1
A2
A3
A4
A5
A6
A7
REFM
2544
A0
X
A1
X
A2
X
A3
X
CMR (4 MSBs)
INT
EXT
DIV
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
20-TSSOP
(PW)
20-SOIC
(DW)
16-SOIC
(D)
16-TSSOP
(PW)
20-CDIP
(J)
20-LCCC
(FK)
0
°C to 70°C
TLV2548CPW
TLV2548CDW
TLV2544CD
TLV2544CPW
−40
°C to 85°C
TLV2548IPW
TLV2548IDW
TLV2544ID
TLV2544IPW


Similar Part No. - TLV2544CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2544CDR TI1-TLV2544CDR Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results

Similar Description - TLV2544CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1504 TI1-TLV1504_14 Datasheet
1Mb / 48P
[Old version datasheet]    Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLC3545 TI1-TLC3545_14 Datasheet
837Kb / 27P
[Old version datasheet]   200-KSPS Sampling Rate Built-In Conversion Clock
logo
Cirrus Logic
CDB5581 CIRRUS-CDB5581 Datasheet
636Kb / 26P
   200 kSps, 16-bit, High-throughput ADC
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
   Playback LSI with Built-in FIFO
logo
Hotchip Technology Co.,...
HT3582DM HOTCHIP-HT3582DM Datasheet
1,004Kb / 6P
   Built-in reference source
logo
Cirrus Logic
CS5581 CIRRUS-CS5581_08 Datasheet
517Kb / 32P
   짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
CS5581 CIRRUS-CS5581 Datasheet
580Kb / 32P
   짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Panasonic Semiconductor
AN6500 PANASONIC-AN6500 Datasheet
238Kb / 4P
   BUILT-IN REFERENCE VOLTAGE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com