Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3541IDGKG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC3541IDGKG4
Description  200-KSPS Sampling Rate Built-In Conversion Clock
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3541IDGKG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC3541IDGKG4 Datasheet HTML 5Page - Texas Instruments TLC3541IDGKG4 Datasheet HTML 6Page - Texas Instruments TLC3541IDGKG4 Datasheet HTML 7Page - Texas Instruments TLC3541IDGKG4 Datasheet HTML 8Page - Texas Instruments TLC3541IDGKG4 Datasheet HTML 9Page - Texas Instruments TLC3541IDGKG4 Datasheet HTML 10Page - Texas Instruments TLC3541IDGKG4 Datasheet HTML 11Page - Texas Instruments TLC3541IDGKG4 Datasheet HTML 12Page - Texas Instruments TLC3541IDGKG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 7
−98
−96
−94
−92
−90
−88
−86
−84
−82
−40
25
80
TOTAL HARMONIC DISTORTION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 1 kHz
fi = 15 kHz
fi = 100 kHz
Figure 8
82.5
82.6
82.7
82.8
82.9
83
83.1
83.2
83.3
83.4
−40
25
80
SIGNAL-TO-NOISE RATIO
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 1 kHz
fi = 15 kHz
Figure 9
−101.0
−100.5
−100.0
−99.5
−99.0
−98.5
−98.0
−97.5
4.0
4.5
5.0
TOTAL HARMONIC DISTORTION
vs
REFERENCE VOLTAGE
VREF − Reference Voltage − V
Figure 10
81.8
82.0
82.2
82.4
82.6
82.8
83.0
4.0
4.5
5.0
SIGNAL-TO-NOISE RATIO
vs
REFERENCE VOLTAGE
VREF − Reference Voltage − V
fi = 1.5 kHz, 200 KSPS


Similar Part No. - TLC3541IDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3541IDGK TI-TLC3541IDGK Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541IDGKR TI-TLC3541IDGKR Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541IDGKRG4 TI-TLC3541IDGKRG4 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
More results

Similar Description - TLC3541IDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1504 TI1-TLV1504_14 Datasheet
1Mb / 48P
[Old version datasheet]    Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV2544 TI1-TLV2544_14 Datasheet
1Mb / 48P
[Old version datasheet]   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com